Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752AR Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7752AR
Description  Three Phase Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752AR Datasheet(HTML) 1 Page - Analog Devices

  ADE7752AR Datasheet HTML 1Page - Analog Devices ADE7752AR Datasheet HTML 2Page - Analog Devices ADE7752AR Datasheet HTML 3Page - Analog Devices ADE7752AR Datasheet HTML 4Page - Analog Devices ADE7752AR Datasheet HTML 5Page - Analog Devices ADE7752AR Datasheet HTML 6Page - Analog Devices ADE7752AR Datasheet HTML 7Page - Analog Devices ADE7752AR Datasheet HTML 8Page - Analog Devices ADE7752AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. PrB 08/01
Preliminary Technical Data
PRELIMINARY TECHNICAL DATA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
=
ADE7752*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
ThreePhaseEnergyMeteringIC
withPulseOutput
FUNCTIONAL BLOCK DIAGRAM
CLKOUT
CLKIN
DGND
CF
S1
F1
F2
DIGITAL-TO-FREQUENCY
CONVERTER
2.5V
REF
REFIN/OUT
AGND
4k
Ω
Σ
IBP
IBN
ADC
VBP
ADC
VN
ICP
ICN
ADC
VCP
ADC
VDD
RESET
ADE7752
Power
Supply
Monitor
HPF
Φ
LPF
IAP
IAN
ADC
VAP
ADC
PHASE
CORRECTION
HPF
Φ
LPF
PHASE
CORRECTION
HPF
Φ
LPF
PHASE
CORRECTION
S0
SCF
REVP
7
8
15
10
14
13
5
6
16
11
12
4
18
21
22
23
24
1
20
19
2
17
3
FEATURES
High Accuracy, Supports 50 Hz/60 Hz IEC 687/1036
Less than 0.1% Error Over a Dynamic Range of
500 to 1
Compatible with 3-phase/3-wire and 3-phase/4-wire
configurations
The ADE7752 Supplies Average Real Power on the
Frequency Outputs F1 and F2
The High Frequency Output CF Is Intended for
Calibration and Supplies
Instantaneous Real Power
The Logic Output REVP indicates a Potential Miswiring or
Negative Power for each phase
Direct Drive for Electromechanical Counters and
Two Phase Stepper Motors (F1 and F2)
Proprietary ADCs and DSP Provide High Accuracy over
Large Variations in Environmental Conditions and
Time
On-Chip Power Supply Monitoring
On-Chip Creep Protection (No Load Threshold)
On-Chip Reference 2.5 V ± 8% (30 ppm/8C Typical)
with External Overdrive Capability
Single 5 V Supply, Low Power (15 mW Typical)
Low Cost CMOS Process
*Patents pending
GENERAL DESCRIPTION
The ADE7752 is a high accuracy three phase electrical
energy measurement IC. The part specifications surpass the
accuracy requirements as quoted in the IEC1036 standard.
The only analog circuitry used in the ADE7752 is in the
ADCs and reference circuit. All other signal processing (e.g.,
multiplication, filtering and summation) is carried out in the
digital domain. This approach provides superior stability and
accuracy over extremes in environmental conditions and over
time.
The ADE7752 supplies average real power information on
the low frequency outputs F1 and F2. These logic outputs
may be used to directly drive an electromechanical counter or
interface with an MCU. The CF logic output gives instan-
taneous real power information. This output is intended to be
used for calibration purposes, or as interface with an MCU.
The ADE7752 includes a power supply monitoring circuit
on the AVDD supply pin. The ADE7752 will remain inactive
until the supply voltage on VDD reaches 4 V. If the supply falls
below 4 V, the ADE7752 will also be reset and no pulses will
be issued on F1, F2 and CF.
Internal phase matching circuitry ensures that the voltage and
current channels are phase matched. An internal no-load
threshold ensures that the ADE7752 does not exhibit any
creep when there is no load.
The ADE7752 is available in 24-lead SOIC packages.


Similar Part No. - ADE7752AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752AR AD-ADE7752AR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AR AD-ADE7752AR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AR AD-ADE7752AR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AR AD-ADE7752AR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752ARRL AD-ADE7752ARRL Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
More results

Similar Description - ADE7752AR

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005F SAMES-SA2005F Datasheet
107Kb / 10P
Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
SA9105A SAMES-SA9105A Datasheet
121Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com