Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752AR Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7752AR
Description  Three Phase Energy Metering IC with Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752AR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7752AR Datasheet HTML 2Page - Analog Devices ADE7752AR Datasheet HTML 3Page - Analog Devices ADE7752AR Datasheet HTML 4Page - Analog Devices ADE7752AR Datasheet HTML 5Page - Analog Devices ADE7752AR Datasheet HTML 6Page - Analog Devices ADE7752AR Datasheet HTML 7Page - Analog Devices ADE7752AR Datasheet HTML 8Page - Analog Devices ADE7752AR Datasheet HTML 9Page - Analog Devices ADE7752AR Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
REV. PrB 08/01
PRELIMINARY TECHNICAL DATA
ADE7752
–10–
NO LOAD THRESHOLD
The ADE7752 also includes a “no load threshold” and
“start-up current” feature that will eliminate any creep
effects in the meter. The ADE7752 is designed to issue a
minimum output frequency. Any load generating a frequency
lower than this minimum frequency will not cause a pulse to
be issued on F1, F2 or CF. The minimum output frequency
is given as 0.0007% of the full-scale output frequency for
each of the F1–5 frequency selections—see Table II. For
example, an energy meter with a meter constant of 100 imp/
kWhr on F1, F2 using F2 (4.77 Hz), the minimum output
frequency at F1 or F2 would be 0.0007% of 4.77 Hz or 33.3
x 10
–6 Hz. This would be 533 x 10–6 Hz at CF (16 x F1 Hz).
In this example the no load threshold would be equivalent to
1.2 W of load or a start-up current of 5.5 mA at 220 V.
REVERSE POWER INFORMATION
The ADE7752 detects when the current and voltage channels
of any of the three phase inputs have a phase difference
greater than 90° i.e.
ΦA or ΦB or ΦC > 90°. This mechanism
can detect wrong connection of the meter or generation of
Active Energy.
The REVP pin output will go active high when negative
power is detected on any of the three phase inputs. If positive
Active Energy is detected on all the three phases, REVP pin
output is Low. The REVP pin output changes state at the
same time as a pulse is issued on CF. If several phases
measure negative power, the REVP pin output will stay low
until all the phases measure positive power.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0.0125 (0.32)
0.0091 (0.23)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
0.0500 (1.27)
0.0157 (0.40)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
24
13
12
1
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
0.6141 (15.60)
0.5985 (15.20)
24-SOIC Outline Package
(AR-24)
NOTE
For a complete datasheet of the ADE7752, please contact us
on our website at:
http://forms.analog.com/Form_Pages/energymeter/
contact.asp



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com