Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1025
Description  Low-Cost PC Hardware Monitor ASIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1025 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1025 Datasheet HTML 7Page - Analog Devices ADM1025 Datasheet HTML 8Page - Analog Devices ADM1025 Datasheet HTML 9Page - Analog Devices ADM1025 Datasheet HTML 10Page - Analog Devices ADM1025 Datasheet HTML 11Page - Analog Devices ADM1025 Datasheet HTML 12Page - Analog Devices ADM1025 Datasheet HTML 13Page - Analog Devices ADM1025 Datasheet HTML 14Page - Analog Devices ADM1025 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
ADM1025/ADM1025A
–11–
4. Try to minimize the number of copper/solder joints, which
can cause thermocouple effects. Where copper/solder joints
are used, make sure that they are in both the D+ and D–
path and at the same temperature.
Thermocouple effects should not be a major problem as 1
°C
corresponds to about 240
µV, and thermocouple voltages are
about 3
µV/oC of temperature difference. Unless there are two
thermocouples with a big temperature differential between
them, thermocouple voltages should be much less than 200
µV.
5. Place 0.1
µF bypass and 1 nF input filter capacitors close to
the ADM1025/ADM1025A.
6. If the distance to the remote sensor is more than 8 inches, the
use of twisted pair cable is recommended. This will work up
to about 6 to 12 feet.
7. For really long distances (up to 100 feet) use shielded twisted
pair such as Belden #8451 microphone cable. Connect the
twisted pair to D+ and D– and the shield to GND close to
the ADM1025/ADM1025A. Leave the remote end of the
shield unconnected to avoid ground loops.
Because the measurement technique uses switched current
sources, excessive cable and/or filter capacitance can affect the
measurement. When using long cables, the filter capacitor may
be reduced or removed.
Cable resistance can also introduce errors. 1
Ω series resistance
introduces about 0.5
°C error.
LIMIT VALUES
High and low limit values for each measurement channel are
stored in the appropriate limit registers. As each channel is
measured, the measured value is stored and compared with the
programmed limit.
STATUS REGISTERS
The results of limit comparisons are stored in Status Registers 1
and 2. The Status Register bit for a particular measurement
channel reflects the status of the last measurement and limit
comparison on that channel. If a measurement is within limits
the corresponding Status Register bit will be cleared to “0.” If
the measurement is out of limits the corresponding status regis-
ter bit will be set to “1.”
The state of the various measurement channels may be polled
by reading the Status Registers over the serial bus. Reading the
Status Registers does not affect their contents. Out-of-limit
temperature/voltage events may also be used to generate an
interrupt, so that remedial action such as turning on a cooling
fan may be taken immediately. This is described in the section
on
RST and INT.
MONITORING CYCLE TIME
The monitoring cycle begins when a one is written to the Start
Bit (Bit 0) of the Configuration Register. The ADC measures
each analog input in turn and as each measurement is com-
pleted the result is automatically stored in the appropriate value
register. This “round-robin” monitoring cycle continues until it
is disabled by writing a 0 to Bit 0 of the Configuration Register.
As the ADC will normally be left to free-run in this manner, the
time taken to monitor all the analog inputs will normally not be
of interest, as the most recently measured value of any input can
be read out at any time.
INPUT SAFETY
Scaling of the analog inputs is performed on-chip, so external
attenuators are normally not required. However, since the power
supply voltages will appear directly at the pins, its is advisable to
add small external resistors in series with the supply traces to the
chip to prevent damaging the traces or power supplies should
an accidental short such as a probe connect two power sup-
plies together.
As the resistors will form part of the input attenuators, they will
affect the accuracy of the analog measurement if their value is
too high. The analog input channels are calibrated assuming an
external series resistor of 500
Ω, and the accuracy will remain
within specification for any value from zero to 1 k
Ω, so a stan-
dard 510
Ω resistor is suitable.
The worst such accident would be connecting 0 V to 12 V—a
total of 12 V difference, with the series resistors this would draw
a maximum current of approximately 12 mA.
LAYOUT AND GROUNDING
Analog inputs will provide best accuracy when referred to a
clean ground. A separate, low impedance ground plane for
analog ground, which provides a ground point for the voltage
dividers and analog components, will provide best performance
but is not mandatory.
The power supply bypass, the parallel combination of 10
µF
(electrolytic or tantalum) and 0.1
µF (ceramic) bypass capacitors
connected between Pin 9 and ground, should also be located as
close as possible to the ADM1025/ADM1025A.
RST/INT OUTPUT
As previously mentioned, Pin 16 is a multifunction pin. Its state
after power-on is latched to set the lowest two bits of the serial
bus address. During NAND tree board-level connectivity testing
it functions as the output of the NAND tree. It may also be used
as a reset output, or as an interrupt output for out-of-limit tem-
perature/voltage events.
Pin 16 is programmed as a reset output by clearing bit 0 of the
Test Register and setting Bit 7 of the VID Register. A low going,
20 ms, reset output pulse can then be generated by setting Bit 4
of the Configuration Register.
If Bit 7 of the VID Register is cleared, Pin 16 can be programmed
as an interrupt output for out-of-limit temperature/voltage events
(
INT). Desired interrupt operation is achieved by changing the
values of Bits 1 and 0 of the Test Register as shown in Table IV.
Note, however, that Bits 2 to 7 of the Test Register must be
zeros (not don’t cares). If, for example,
INT is programmed for
thermal and voltage interrupts, then if any temperature or volt-
age measurement goes outside its respective high or low limit,
the
INT output will go low. It will remain low until Status Reg-
ister 1 is read, when it will be cleared. If the temperature or
voltage remains out of limit,
INT will be reasserted on the next
monitoring cycle.
INT can also be cleared by issuing an Alert
Response Address Call.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com