Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1025
Description  Low-Cost PC Hardware Monitor ASIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1025 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1025 Datasheet HTML 8Page - Analog Devices ADM1025 Datasheet HTML 9Page - Analog Devices ADM1025 Datasheet HTML 10Page - Analog Devices ADM1025 Datasheet HTML 11Page - Analog Devices ADM1025 Datasheet HTML 12Page - Analog Devices ADM1025 Datasheet HTML 13Page - Analog Devices ADM1025 Datasheet HTML 14Page - Analog Devices ADM1025 Datasheet HTML 15Page - Analog Devices ADM1025 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
ADM1025/ADM1025A
–12–
Table IV. Controlling the Operation of
INT
Test Register
Bit 1
Bit 0
Function
0
0
Interrupts Disabled
0
1
Thermal Interrupt Only
1
0
Voltage Interrupt Only
1
1
Voltage and Thermal Interrupts
Note that Bit 7 of VID register should be zero, and that Bits 2 to 7 of Test
Register must be zeros.
When Pin 16 is used as a
RST or INT output, it is open-drain and
requires an external pull-up resistor. This will restrict the address
function on Pin 16 to being high at power-up. If the
RST or INT
function is required and two ADM1025/ADM1025As are to be
used on the same serial bus, A1/A0 can be set to 10 by using a
high value pull-up on Pin 16 (100 k
Ω or greater). This will not
override the “floating” condition of ADD during power-up.
Note, however, that the
RST/INT outputs of two or more
devices cannot be wire-OR’d, as the devices would then have
the same address. If the
RST/INT outputs need to be connected
to a common interrupt line, they can be OR’d together using the
circuit of Figure 13.
If the
RST or INT functionality is not required, a third address
may be used by setting A1/A0 to 00 by using a 1 k
Ω pull-down
resistor on Pin 16. Note that this address should not be used if
RST or INT is required, since using this address will cause the
device to appear to be generating resets or interrupts, since Pin
16 will be permanently tied low.
A1/A0 = 10
ADD/
RST/INT/NTO
SDA
SCL
ADM1025/
ADM1025A
#2
R2
470k
VCC
A1/A0 = 01
R1
1k
VCC
R5
4.7k
VCC
RST OR INT
OPEN-COLLECTOR
AND GATE
ADD/
RST/INT/NTO
SDA
SCL
ADM1025/
ADM1025A
#1
Figure 13. Using Two ADM1025/ADM1025As on the
Same Bus with a Common Interrupt
GENERATING AN
SMBALERT
The
INT output can be used as an interrupt output or can be
used as an
SMBALERT. One or more INT outputs can be con-
nected to a common
SMBALERT line connected to the master.
If a device’s
INT line goes low, the following procedure occurs:
1.
SMBALERT pulled low.
2. Master initiates a read operation and sends the Alert
Response Address (ARA = 0001 100). This is a general call
address that must not be used as a specific device address.
3. The device whose
INT output is low responds to the Alert
Response Address, and the master reads its device address.
The address of the device is now known and it can be inter-
rogated in the usual way.
4. If more than one device’s
INT output is low, the one with
the lowest device address will have priority, in accordance
with normal SMBus arbitration.
5. Once the ADM1025/ADM1025A has responded to the Alert
Response Address, it will reset its
INT output; however, if
the error condition that caused the interrupt persists,
INT
will be reasserted on the next monitoring cycle.
NAND TREE TESTS
A NAND tree is provided in the ADM1025/ADM1025A for
Automated Test Equipment (ATE) board level connectivity
testing. The device is placed into NAND Test Mode by power-
ing up with Pin 9 (D-/NTI) held high. This pin is automatically
sampled after power-up and if it is connected high, the NAND
test mode is invoked.
In NAND test mode, all digital inputs may be tested as illus-
trated below. ADD/
RST/INT/NTO will become the NAND test
output pin.
To perform a NAND tree test, all pins are initially driven low.
The test vectors set all inputs low, then one-by-one toggle them
high (keeping them high). Exercising the test circuit with this
“walking one” pattern, starting with the input closest to the out-
put of the tree, cycling toward the farthest, causes the output of
the tree to toggle with each input change. Allow for a typical
propagation delay of 500 ns. The structure of the NAND tree is
shown in Figure 14.
ADD/
RST/INT/NTO
SDA
SCL
VID0
VID1
VID2
VID3
Figure 14. NAND Tree
Note: If any of the inputs shown in Figure 14 are unused, they
should not be connected directly to ground, but via a resistor
such as 10 k
Ω. This will allow the ATE (Automatic Test Equip-
ment) to drive every input high so that the NAND tree test can
be properly carried out. Refer to Table XVI for Test Vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com