Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1025
Description  Low-Cost PC Hardware Monitor ASIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1025 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1025 Datasheet HTML 8Page - Analog Devices ADM1025 Datasheet HTML 9Page - Analog Devices ADM1025 Datasheet HTML 10Page - Analog Devices ADM1025 Datasheet HTML 11Page - Analog Devices ADM1025 Datasheet HTML 12Page - Analog Devices ADM1025 Datasheet HTML 13Page - Analog Devices ADM1025 Datasheet HTML 14Page - Analog Devices ADM1025 Datasheet HTML 15Page - Analog Devices ADM1025 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
ADM1025/ADM1025A
–14–
Table VII. Register 40H – Configuration Register
Bit Name
R/
W
Description
0
START
Read/Write Logic 1 enables start-up of
monitor ASIC, Logic 0 places
the ASIC in standby mode. At
start-up, limit checking func-
tions and scanning begins. Note,
all HIGH and LOW LIMITS
should be set into the ADM1025/
ADM1025A prior to turning on
this bit. (Power-up Default = 0)
1
Reserved
Read
2
Reserved
Read
3
Reserved
Read
4
RESET
Read/Write Setting this bit generates a
minimum 20 ms low pulse on
Pin 16, if the function is
enabled.
5
+12/VID4
Read/Write Selects whether Pin 11 acts
Select
as a 12 V Analog Input monitor-
ing pin, or as a VID[4] input.
This pin defaults to the 12 V
Analog Input. (Default = 0)
6
Reserved
Read
7
Initialization Read/Write Logic 1 restores power-up
default values to the Configu-
ration Register and Status
Registers. This bit automati-
cally clears itself and the power-
on default is zero.
Table VIII. Register 41H – STATUS Register 1 (Power-On
Default <7:0> = 00h)
Bit
Name
R/
W
Description
0
+2.5 V_Error
Read Only
A one indicates a High
or Low limit has been
exceeded.
1VCCP_Error
Read Only
A one indicates a High
or Low limit has been
exceeded.
2
+3.3 V_Error
Read Only
A one indicates a High
or Low limit has been
exceeded.
3
+5 V_Error
Read Only
A one indicates a High
or Low limit has been
exceeded.
4
Local Temp
Read Only
A one indicates that a
Error
High or a Low Tem-
perature limit has been
exceeded.
5
Remote Temp
Read Only
A one indicates a High
Error
or Low Remote Tem-
perature Limit has been
exceeded.
6
Reserved
7
Reserved
Table IX. Register 42H – Status Register 2 (Power-On Default
<7:0> = 00h)
Bit
Name
R/
W
Description
0
+12 V_Error
Read Only
A one indicates a High
or Low limit has been
exceeded.
1VCC_Error
Read Only
A one indicates a High
or Low limit has been
exceeded.
2
Reserved
Read Only
Undefined
3
Reserved
Read Only
Undefined
4
Reserved
Read Only
Undefined
5
Reserved
Read Only
Undefined
6
Remote Diode
Read Only
A one indicates either a
Fault
short or open circuited
fault on the remote ther-
mal diode inputs.
7
Reserved
Read Only
Undefined
Table X. Register 47h – VID REGISTER (Power-On Default
= 0000 (VID[3:0]))
Bit Name
R/
W
Description
0–3 VID[3:0]
Read Only
The VID[3:0] inputs from
Pentium/PRO power supplies
to indicate the operating
voltage (e.g., 1.3 V to 2.9 V).
4–5 Reserved
Read Only
Undefined
6
Offset Config
Read/Write Configures offset register to
be used with internal or
external channel. If Bit 0 of
Test Register = 1, and Bit 7
of VID Register = 0, then
setting this bit to 1 config-
ures the Offset Register to the
internal temperature chan-
nel. Clearing this bit config-
ures the Offset Register to the
external temperature chan-
nel. (Default = 0)
7
RST ENABLE Read/Write When set to 1, enables the
RST output function on Pin
16. This bit defaults to 0 on
power-up. (
RST Disabled.)
Table XI. Register 49h – VID4 Register (Power-On Default =
1000 000(VID4))
Bit
Name
R/
W
Description
0
VID4
Read
VID4 Input (If Selected)
(Defaults to 0)
1–7
Reserved
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com