Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM1025
Description  Low-Cost PC Hardware Monitor ASIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1025 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM1025 Datasheet HTML 8Page - Analog Devices ADM1025 Datasheet HTML 9Page - Analog Devices ADM1025 Datasheet HTML 10Page - Analog Devices ADM1025 Datasheet HTML 11Page - Analog Devices ADM1025 Datasheet HTML 12Page - Analog Devices ADM1025 Datasheet HTML 13Page - Analog Devices ADM1025 Datasheet HTML 14Page - Analog Devices ADM1025 Datasheet HTML 15Page - Analog Devices ADM1025 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. A
ADM1025/ADM1025A
–15–
Table XIV. Register 3Eh – Company ID
Value (Bits 7:0)
R/
W
Description
0100 0001
Read Only
This location contains the
company identification
number which may be used
by software to determine
the manufacturer’s device.
This register is read only.
Table XV. Register 3Fh – Stepping
Value (Bits 7:0)
R/
W
Description
0010 [Version]
Read Only
Stepping ID Number and
Version
Table XVI. NAND Tree Test Vectors
Vector
ADD/
RST/
No.
SDA
SCL VID0
VID1 VID2 VID3
INT/NTO
10
0
0
0
0
0
1
20
0
0
0
0
1
0
30
0
0
0
1
1
1
40
0
0
1
1
1
0
50
0
1
1
1
1
1
60
1
1
1
1
1
0
71
1
1
1
1
1
1
Table XII. Registers 15h–3Dh – Value and Limit Registers
Address
R/
W
Description
15h
Read/Write
Manufacturers Test Register
1Fh
Read/Write
Offset Register
20h
Read Only
2.5 V Reading
21h
Read Only
VCCP Reading
22h
Read Only
3.3 V Reading
23h
Read Only
5 V Reading
24h
Read Only
12 V Reading
25h
Read Only
VCC Reading
26h
Read Only
Remote Diode Temperature Reading
27h
Read Only
Local Temperature Reading
2Bh
Read/Write
2.5 V High Limit
2Ch
Read/Write
2.5 V Low Limit
2Dh
Read/Write
VCCP High Limit
2Eh
Read/Write
VCCP Low Limit
2Fh
Read/Write
3.3 V High Limit
30h
Read/Write
3.3 V Low Limit
31h
Read/Write
5 V High Limit
32h
Read/Write
5 V Low Limit
33h
Read/Write
12 V High Limit
34h
Read/Write
12 V Low Limit
35h
Read/Write
VCC High Limit
36h
Read/Write
VCC Low Limit
37h
Read/Write
Remote Temperature High Limit
38h
Read/Write
Remote Temperature Low Limit
39h
Read/Write
Local Temperature High Limit
3Ah
Read/Write
Local Temperature Low Limit
NOTE
For the high limits of the voltages, the device is doing a greater-than compari-
son. For the low limits, however, it is doing a less-than or equal comparison.
Table XIII. Register 15h – Manufacturers Test Register
Bit
Name
R/
W
Description
0
Read/Write
Used to select
RST or INT
functions. Refer to
RST/INT
Input section.
1
Read/Write
Used to select
RST or INT
functions. Refer to
RST/INT
Input section.
2–7
Reserved
Read/Write
Reserved. Only values written
to these bits should be zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com