Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1025
Description  Low-Cost PC Hardware Monitor ASIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1025 Datasheet(HTML) 1 Page - Analog Devices

  ADM1025 Datasheet HTML 1Page - Analog Devices ADM1025 Datasheet HTML 2Page - Analog Devices ADM1025 Datasheet HTML 3Page - Analog Devices ADM1025 Datasheet HTML 4Page - Analog Devices ADM1025 Datasheet HTML 5Page - Analog Devices ADM1025 Datasheet HTML 6Page - Analog Devices ADM1025 Datasheet HTML 7Page - Analog Devices ADM1025 Datasheet HTML 8Page - Analog Devices ADM1025 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1025/ADM1025A*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Low-Cost PC
Hardware Monitor ASIC
FUNCTIONAL BLOCK DIAGRAM
VALUE AND
LIMIT
REGISTERS
MEASUREMENT
STATUS
REGISTERS
OFFSET
REGISTER
CONFIGURATION
REGISTER
LIMIT
COMPARATORS
ADC
2.5V
BANDGAP
REFERENCE
BANDGAP
TEMPERATURE
SENSOR
VCCPIN
2.5VIN
3.3VIN
5VIN
D+
D–/NTI
100k
PULLUPS
VDD
VID0
VID1
VID2
VID3
12VIN/VID4
300k
ADD/
RST/INT/NTO
SDA
SCL
ADDRESS
POINTER
REGISTER
INPUT
ATTENUATORS
AND
ANALOG
MULTIPLEXER
POWER TO CHIP
VID0–3
REGISTER
VID4
REGISTER
VCC
GND
SERIAL BUS
INTERFACE
ADM1025/
ADM1025A
FEATURES
Up to Eight Measurement Channels
Five Inputs to Measure Supply Voltages
VCC Monitored Internally
External Temperature Measurement with Remote Diode
On-Chip Temperature Sensor
Five Digital Inputs for VID Bits
Integrated 100 k
Pull-Ups on VID Pins (ADM1025 Only)
LDCM Support
I2C®-Compatible System Management Bus (SMBus)
Programmable
RESET Output Pin
Programmable
INT Output Pin
Configurable Offset for Internal/External Channel
Shutdown Mode to Minimize Power Consumption
Limit Comparison of all Monitored Values
APPLICATIONS
Network Servers and Personal Computers
Microprocessor-Based Office Equipment
Test Equipment and Measuring Instruments
*Patent Pending.
I
2C is a registered trademark of Philips Corporation.
PRODUCT DESCRIPTION
The ADM1025/ADM1025A is a complete system hardware
monitor for microprocessor-based systems, providing measure-
ment and limit comparison of various system parameters. Five
voltage measurement inputs are provided, for monitoring 2.5 V,
3.3 V, 5 V and 12 V power supplies and the processor core
voltage. The ADM1025/ADM1025A can monitor a sixth power
supply voltage by measuring its own VCC. One input (two pins) is
dedicated to a remote temperature-sensing diode, and an on-chip
temperature sensor allows ambient temperature to be moni-
tored. The ADM1025A has open-drain VID inputs while the
ADM1025 has on-chip 100 k
Ω pull-ups on the VID inputs.
Measured values and in/out of limit status can be read out via
an I
2C-compatible serial System Management Bus. The device
can be controlled and configured over the same serial bus. The
device also has a programmable
INT output to indicate under-
voltage, overvoltage and over-temperature conditions.
The ADM1025/ADM1025A’s 3.0 V to 5.5 V supply voltage
range, low supply current, and I
2C-compatible interface make
it ideal for a wide range of applications. These include hardware
monitoring and protection applications in personal computers,
electronic test equipment, and office electronics.


Similar Part No. - ADM1025

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
ADM1025A ONSEMI-ADM1025A Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
ADM1025AARQ ONSEMI-ADM1025AARQ Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
ADM1025AARQZ ONSEMI-ADM1025AARQZ Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
ADM1025ARQ ONSEMI-ADM1025ARQ Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
More results

Similar Description - ADM1025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1022 AD-ADM1022 Datasheet
190Kb / 19P
Low-Cost PC Temperature Monitor and Fan Control ASIC
REV.0
ADM1040 AD-ADM1040 Datasheet
42Kb / 1P
Power Supply Monitor ASIC
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
EVAL-ADM1028 AD-EVAL-ADM1028 Datasheet
216Kb / 9P
Evaluation Board for PC Temperature Monitor and Fan Control ASIC
logo
Faraday Technology
TFM1350F FARADAY-TFM1350F Datasheet
71Kb / 2P
LOW COST MONITOR FILTERS
TFV1350F FARADAY-TFV1350F Datasheet
56Kb / 2P
LOW COST MONITOR FILTERS
logo
ON Semiconductor
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com