Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1025 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1025
Description  Low-Cost PC Hardware Monitor ASIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1025 Datasheet(HTML) 2 Page - Analog Devices

  ADM1025 Datasheet HTML 1Page - Analog Devices ADM1025 Datasheet HTML 2Page - Analog Devices ADM1025 Datasheet HTML 3Page - Analog Devices ADM1025 Datasheet HTML 4Page - Analog Devices ADM1025 Datasheet HTML 5Page - Analog Devices ADM1025 Datasheet HTML 6Page - Analog Devices ADM1025 Datasheet HTML 7Page - Analog Devices ADM1025 Datasheet HTML 8Page - Analog Devices ADM1025 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
ADM1025/ADM1025A–SPECIFICATIONS (T
A = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC
3.0
3.30
5.5
V
(Note 1)
Supply Current, ICC
1.4
2.5
mA
Interface Inactive, ADC Active
32
500
µA
Standby Mode (Note 2)
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
±3
°C
Resolution
1
°C
External Diode Sensor Accuracy
±5
°C
±3
°C60°C ≤ T
A
≤ 100°C; V
CC = 3.3 V
Resolution
1
°C
Remote Sensor Source Current
180
µA
High Level
11
µA
Low Level
ANALOG-TO-DIGITAL CONVERTER
(INCLUDING MUX AND ATTENUATORS)
Total Unadjusted Error, TUE
±2
%
(Note 3)
Differential Nonlinearity, DNL
±1
LSB
Power Supply Sensitivity
±1
%/V
Conversion Time (Analog Input or Internal Temperature)
11.6
ms
(Note 4)
Conversion Time (External Temperature)
34.8
ms
(Note 4)
Input Resistance (2.5 V, 3.3 V, 5 V, 12 V, VCCPIN)
100
140
250
k
OPEN-DRAIN DIGITAL OUTPUT ADD/
RST/INT/NTO
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA; VCC = 3 V
High Level Output Leakage Current, IOH
0.1
1
µAV
OUT = VCC; VCC = 3 V
RST Pulsewidth
20
45
ms
OPEN-DRAIN SERIAL DATA BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA; VCC = 3 V
High Level Output Leakage Current, IOH
0.1
1
µAV
OUT = VCC
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS
(ADD, VID0–VID4, NTI)
5
VID0–3 Input Resistance
100
k
ADM1025 Only
VID4 Input Resistance
300
k
ADM1025 Only
100
k
ADM1025A
Input High Voltage, VIH
6
2.1
V
Input Low Voltage, VIL
6
0.8
V
DIGITAL INPUT LEAKAGE CURRENT
Input High Current, IIH
–1
µAV
IN = VCC
Input Low Current, IIL
1
µAV
IN = 0
Input Capacitance, CIN
5pF
SERIAL BUS TIMING
Clock Frequency, fSCLK
400
kHz
See Figure 1
Glitch Immunity, tSW
50
ns
See Figure 1
Bus Free Time, tBUF
1.3
µs
See Figure 1
Start Setup Time, tSU:STA
600
ns
See Figure 1
Start Hold Time, tHD:STA
600
ns
See Figure 1
Stop Condition Setup Time tSU:STO
600
ns
See Figure 1
SCL Low Time, tLOW
1.3
µs
See Figure 1
SCL High Time, tHIGH
0.6
µs
See Figure 1
SCL, SDA Rise Time, tR
300
ns
See Figure 1
SCL, SDA Fall Time, tF
300
ns
See Figure 1
Data Setup Time, tSU:DAT
100
ns
See Figure 1
Data Hold Time, tHD:DAT
300
ns
See Figure 1
NOTES
1All voltages are measured with respect to GND, unless otherwise specified.
2Typicals are at T
A = 25
°C and represent most likely parametric norm. Shutdown current typ is measured with V
CC = 3.3 V.
3TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC, multiplexer and on-chip input attenuators, including an external series input
protection resistor value between zero and 1 k
Ω.
4Total monitoring cycle time is nominally 114.4 ms. Monitoring Cycle consists of 6 Voltage + 1 Internal Temperature + 1 External Temperature readings.
5ADD is a three-state input that may be pulled high, low or left open-circuit.
6Timing specifications are tested at logic levels of V
IL = 0.8 V for a falling edge and VIH = 2.2 V for a rising edge.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com