Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3179 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3179
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3179 Datasheet(HTML) 1 Page - Analog Devices

  ADP3179 Datasheet HTML 1Page - Analog Devices ADP3179 Datasheet HTML 2Page - Analog Devices ADP3179 Datasheet HTML 3Page - Analog Devices ADP3179 Datasheet HTML 4Page - Analog Devices ADP3179 Datasheet HTML 5Page - Analog Devices ADP3179 Datasheet HTML 6Page - Analog Devices ADP3179 Datasheet HTML 7Page - Analog Devices ADP3179 Datasheet HTML 8Page - Analog Devices ADP3179 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3159/ADP3179
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
4-Bit Programmable
Synchronous Buck Controllers
FUNCTIONAL BLOCK DIAGRAM
gm
CMP
DRVH
LRDRV2
LRFB2
LRFB1
LRDRV1
COMP
DRVL
CS–
CS+
PWM
DRIVE
VCC
CT
OSCILLATOR
UVLO
& BIAS
REFERENCE
REF
VLR1
VLR2
REF
VID DAC
DAC+20%
ADP3159/ADP3179
GND
FB
VID3
VID2
VID1
VID0
SET
RESET
CROWBAR
DAC–20%
PWRGD
+
–
FEATURES
Optimally Compensated Active Voltage Positioning
with Gain and Offset Adjustment (ADOPT™) for
Superior Load Transient Response
Complies with VRM 8.4 Specifications with Lowest
System Cost
4-Bit Digitally Programmable 1.3 V to 2.05 V Output
N-Channel Synchronous Buck Driver
Two On-Board Linear Regulator Controllers
Total Accuracy
0.8% Over Temperature
High Efficiency Current-Mode Operation
Short Circuit Protection
Power Good Output
Overvoltage Protection Crowbar Protects Micro-
processors with No Additional External Components
APPLICATIONS
Core Supply Voltage Generation for:
Intel Pentium® III
Intel Celeron™
GENERAL DESCRIPTION
The ADP3159 and ADP3179 are highly efficient output syn-
chronous buck switching regulator controllers optimized for
converting a 5 V main supply into the core supply voltage
required by high-performance processors. These devices use an
internal 4-bit DAC to read a voltage identification (VID) code
directly from the processor, which is used to set the output
voltage between 1.3 V and 2.05 V. They use a current mode,
constant off-time architecture to drive two N-channel
MOSFETs at a programmable switching frequency that can be
optimized for regulator size and efficiency.
The ADP3159 and ADP3179 also use a unique supplemental
regulation technique called Analog Devices Optimal Position-
ing Technology (ADOPT) to enhance load transient
performance. Active voltage positioning results in a dc/dc con-
verter that meets the stringent output voltage specifications
for high-performance processors, with the minimum number
of output capacitors and smallest footprint. Unlike voltage-
mode and standard current-mode architectures, active voltage
positioning adjusts the output voltage as a function of the load
current so it is always optimally positioned for a system tran-
sient. The devices also provide accurate and reliable short
circuit protection and adjustable current limiting. They also
include an integrated overvoltage crowbar function to protect
the microprocessor from destruction in case the core supply
exceeds the nominal programmed voltage by more than 20%.
The ADP3159 and ADP3179 contain two fixed-output volt-
age linear regulator controllers that are designed to drive
external N-channel MOSFETs. The outputs are internally
fixed at 2.5 V and 1.8 V in the ADP3159, while the ADP3179
provides adjustable output, which is set using an external
resistor divider. These linear regulators are used to generate
the auxiliary voltages (AGP, GTL, etc.) required in most moth-
erboard designs, and have been designed to provide a high
bandwidth load-transient response.
The ADP3159 and ADP3179 are specified over the commercial
temperature range of 0
°C to 70°C and are available in a 20-lead
TSSOP package.
ADOPT is a trademark of Analog Devices, Inc.
Pentium is a registered trademark of Intel Corporation.
Celeron is a trademark of Intel Corporation.


Similar Part No. - ADP3179

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3170 AD-ADP3170 Datasheet
183Kb / 16P
VRM 8.5 Compatible Single Phase Core Controller
REV.0
ADP3170JRU AD-ADP3170JRU Datasheet
183Kb / 16P
VRM 8.5 Compatible Single Phase Core Controller
REV.0
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
ADP3171JR AD-ADP3171JR Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
ADP3178 AD-ADP3178 Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
More results

Similar Description - ADP3179

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
logo
Analog Devices
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Analog Devices
ADP3158 AD-ADP3158 Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
4-Bit Programmable 2-Phase Synchronous Buck Controller
REV.0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
ADP3193 AD-ADP3193 Datasheet
191Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com