Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR380ART-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR380ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ART-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADR380ART-R2 Datasheet HTML 1Page - Analog Devices ADR380ART-R2 Datasheet HTML 2Page - Analog Devices ADR380ART-R2 Datasheet HTML 3Page - Analog Devices ADR380ART-R2 Datasheet HTML 4Page - Analog Devices ADR380ART-R2 Datasheet HTML 5Page - Analog Devices ADR380ART-R2 Datasheet HTML 6Page - Analog Devices ADR380ART-R2 Datasheet HTML 7Page - Analog Devices ADR380ART-R2 Datasheet HTML 8Page - Analog Devices ADR380ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
ADR380/ADR381
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4,000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADR380/ADR381 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Output Short-Circuit Duration to GND
VIN > 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 sec
VIN
≤ 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
RT Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
ADR380/ADR381 . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
RT Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 Sec) . . . . . . . . 300
°C
Package Type
JA
2
JC
Unit
3-Lead SOT-23 (RT)
333
—
°C/W
NOTES
1Absolute maximum ratings apply at 25
°C, unless otherwise noted.
2
θ
JA is specified for the worst-case conditions, i.e.,
θ
JA is specified for device
soldered in circuit board for surface-mount packages.
ORDERING GUIDE
Temperature
Package
Package
Output
Number of
Model
Range
Description
Option
Branding
Voltage
Parts per Reel
ADR380ART-R2
–40
°C to +85°C
SOT-23
RT-3
R2A
2.048
250
ADR380ART-REEL7
–40
°C to +85°C
SOT-23
RT-3
R2A
2.048
3,000
ADR380ARTZ-REEL7
*
–40
°C to +85°C
SOT-23
RT-3
R2A
2.048
3,000
ADR381ART-R2
–40
°C to +85°C
SOT-23
RT-3
R3A
2.500
250
ADR381ART-REEL7
–40
°C to +85°C
SOT-23
RT-3
R3A
2.500
3,000
ADR381ARTZ-REEL7
*
–40
°C to +85°C
SOT-23
RT-3
R3A
2.500
3,000
*Z = Pb-free part
PIN CONFIGURATION
3-Lead SOT-23
(RT Suffix)
1
2
ADR380/
ADR381
(Not to Scale)
3
VIN
GND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com