Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR380ART-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR380ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ART-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR380ART-R2 Datasheet HTML 4Page - Analog Devices ADR380ART-R2 Datasheet HTML 5Page - Analog Devices ADR380ART-R2 Datasheet HTML 6Page - Analog Devices ADR380ART-R2 Datasheet HTML 7Page - Analog Devices ADR380ART-R2 Datasheet HTML 8Page - Analog Devices ADR380ART-R2 Datasheet HTML 9Page - Analog Devices ADR380ART-R2 Datasheet HTML 10Page - Analog Devices ADR380ART-R2 Datasheet HTML 11Page - Analog Devices ADR380ART-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
ADR380/ADR381
TIME (10ms/DIV)
100 V/DIV
TPC 15. ADR381 Typical Noise Voltage 10 Hz to 10 kHz
TIME (10 s/DIV)
1V/DIV
0.5V/DIV
CBYPASS = 0 F
VOUT
LINE INTERRUPTION
0.5V/DIV
VIN
TPC 16. ADR381 Line Transient Response
TIME (10 s/DIV)
1V/DIV
0.5V/DIV
CBYPASS = 0.1 F
VOUT
LINE INTERRUPTION
0.5V/DIV
TPC 17. ADR381 Line Transient Response
CL = 0 F
TIME (200 s/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
LOAD = 1mA
2V/DIV
TPC 18. ADR381 Load Transient Response with
CL = 0
µF
CL = 1nF
TIME (200 s/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
LOAD = 1mA
2V/DIV
TPC 19. ADR381 Load Transient Response with
CL = 1 nF
CL = 100nF
TIME (200 s/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
LOAD = 1mA
2V/DIV
TPC 20. ADR381 Load Transient Response with
CL = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com