Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR380ART-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR380ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ART-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR380ART-R2 Datasheet HTML 3Page - Analog Devices ADR380ART-R2 Datasheet HTML 4Page - Analog Devices ADR380ART-R2 Datasheet HTML 5Page - Analog Devices ADR380ART-R2 Datasheet HTML 6Page - Analog Devices ADR380ART-R2 Datasheet HTML 7Page - Analog Devices ADR380ART-R2 Datasheet HTML 8Page - Analog Devices ADR380ART-R2 Datasheet HTML 9Page - Analog Devices ADR380ART-R2 Datasheet HTML 10Page - Analog Devices ADR380ART-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
ADR380/ADR381
–7–
VIN = 2.5V TO 15V
TEMPERATURE ( C)
–40
–15
10
35
60
85
0
1
2
4
5
3
TPC 9. ADR380 Line Regulation vs. Temperature
VIN = 2.8V TO 15V
TEMPERATURE ( C)
–40
–15
10
35
60
85
0
1
2
4
5
3
TPC 10. ADR381 Line Regulation vs. Temperature
–40 C
LOAD CURRENT (mA)
01
2
3
4
5
0
0.2
0.4
0.6
0.8
+85 C
+25 C
TPC 11. ADR380 Minimum Input/Output
Voltage Differential vs. Load Current
–40 C
LOAD CURRENT (mA)
01
2
345
0
0.2
0.4
0.6
0.8
+85 C
+25 C
TPC 12. ADR381 Minimum Input/Output Voltage
Differential vs. Load Current
VOUT DEVIATION (ppm)
–260
0
10
20
30
40
50
60
–200 –140 –80 –20
40
100 160 220
340 400
280
TEMPERATURE +25 C
–40 C
85 C
+25 C
TPC 13. ADR381 VOUT Hysteresis
TIME (1s/DIV)
2 V/DIV
TPC 14. ADR381 Typical Noise Voltage 0.1 Hz to 10 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com