Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR380ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR380ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR380ART-R2 Datasheet HTML 4Page - Analog Devices ADR380ART-R2 Datasheet HTML 5Page - Analog Devices ADR380ART-R2 Datasheet HTML 6Page - Analog Devices ADR380ART-R2 Datasheet HTML 7Page - Analog Devices ADR380ART-R2 Datasheet HTML 8Page - Analog Devices ADR380ART-R2 Datasheet HTML 9Page - Analog Devices ADR380ART-R2 Datasheet HTML 10Page - Analog Devices ADR380ART-R2 Datasheet HTML 11Page - Analog Devices ADR380ART-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. A
–12–
ADR380/ADR381
OUTLINE DIMENSIONS
3-Lead Small Outline Transistor Package [SOT-23-3]
(RT-3)
Dimensions shown in millimeters
3.04
2.90
2.80
PIN 1
1.40
1.30
1.20
2.64
2.10
1.90 BSC
1
2
3
SEATING
PLANE
1.12
0.89
0.10
0.01
0.50
0.30
0.20
0.08
0.60
0.50
0.40
0.95 BSC
COMPLIANT TO JEDEC STANDARDS TO-236AB
Tape and Reel Dimensions
Dimensions shown in millimeters
4.10
4.00
3.90
1.55
1.50
1.50
8.30
8.00
7.70
3.20
3.10
2.90
2.05
2.00
1.95
1.85
1.75
1.65
3.55
3.50
3.45
2.80
2.70
2.60
1.10
1.00
0.90
0.35
0.30
0.25
13.20
13.00
12.80
9.90
8.40
8.40
20.20
MIN
1.50 MIN
7" REEL 100.00
OR
13" REEL 330.00
7" REEL 50.00 MIN
OR
13" REEL 100.00 MIN
14.40 MAX
0.75 MIN
DIRECTION OF UNREELING
1.00 MIN
Revision History
Location
Page
7/04—Data Sheet Changed from Rev. 0 to Rev. A.
Updated format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Universal
Changes to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com