Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR380ART-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR380ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ART-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR380ART-R2 Datasheet HTML 1Page - Analog Devices ADR380ART-R2 Datasheet HTML 2Page - Analog Devices ADR380ART-R2 Datasheet HTML 3Page - Analog Devices ADR380ART-R2 Datasheet HTML 4Page - Analog Devices ADR380ART-R2 Datasheet HTML 5Page - Analog Devices ADR380ART-R2 Datasheet HTML 6Page - Analog Devices ADR380ART-R2 Datasheet HTML 7Page - Analog Devices ADR380ART-R2 Datasheet HTML 8Page - Analog Devices ADR380ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
ADR380/ADR381
Precision Low-Drift 2.048 V/2.500 V
SOT-23 Voltage Reference
FEATURES
Initial Accuracy:
5 mV/ 6 mV max
Initial Accuracy Error:
0.24%/ 0.24%
Low TCVO: 25 ppm/ C max
Load Regulation: 70 ppm/mA
Line Regulation: 25 ppm/V
Wide Operating Range:
2.4 V to 18 V for ADR380
2.8 V to 18 V for ADR381
Low Power: 120
A max
High Output Current: 5 mA
Wide Temperature Range: –40 C to +85 C
Tiny 3-Lead SOT-23 Package with Standard Pinout
APPLICATIONS
Battery-Powered Instrumentation
Portable Medical Instruments
Data Acquisition Systems
Industrial Process Control Systems
Hard Disk Drives
Automotive
PIN CONFIGURATION
3-Lead SOT-23
(RT Suffix)
1
2
ADR380/
ADR381
(Not to Scale)
3
VIN
GND
VOUT
GENERAL DESCRIPTION
The ADR380 and ADR381 are precision 2.048 V and 2.500 V
band gap voltage references featuring high accuracy, high stabil-
ity, and low-power consumption in a tiny footprint. Patented
temperature drift curvature correction techniques minimize
nonlinearity of the voltage change with temperature. The wide
operating range and low power consumption make them ideal
for 3 V to 5 V battery-powered applications.
The ADR380 and ADR381 are micropower, low dropout
voltage (LDV) devices that provide a stable output voltage from
supplies as low as 300 mV above the output voltage. They are
specified over the industrial (–40
°C to +85°C) temperature
range. ADR380/ADR381 is available in the tiny 3-lead SOT-23
package.
Table I. ADR38x Products
Part Number
Nominal Output Voltage (V)
ADR380
2.048
ADR381
2.500


Similar Part No. - ADR380ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

Similar Description - ADR380ART-R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Analog Devices
ADR420 AD-ADR420 Datasheet
223Kb / 16P
Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
03/02-Data Sheet changed from REV. A to REV. B.
ADR390 AD-ADR390 Datasheet
402Kb / 20P
Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
5/05-Rev. E to Rev. F
ADR370 AD-ADR370 Datasheet
182Kb / 12P
Precision Low Power 2.048 V SOT-23 Voltage Reference
7/03-Data Sheet changed from REV. 0 to REV. A.
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
Precision 4.096V SOT-23 FGA??Voltage References
May 2, 2006
logo
Analog Devices
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
Precision SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com