Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR380ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR380ART-R2
Description  Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADR380ART-R2 Datasheet HTML 1Page - Analog Devices ADR380ART-R2 Datasheet HTML 2Page - Analog Devices ADR380ART-R2 Datasheet HTML 3Page - Analog Devices ADR380ART-R2 Datasheet HTML 4Page - Analog Devices ADR380ART-R2 Datasheet HTML 5Page - Analog Devices ADR380ART-R2 Datasheet HTML 6Page - Analog Devices ADR380ART-R2 Datasheet HTML 7Page - Analog Devices ADR380ART-R2 Datasheet HTML 8Page - Analog Devices ADR380ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
ADR380/ADR381
–5–
PARAMETER DEFINITIONS
Temperature Coefficient
The change of output voltage over the operating temperature
change and normalized by the output voltage at 25
°C, expressed
in ppm/
°C. The equation follows:
TCV
ppm C
VT
VT
VC
T
T
O
OO
O
/
–
–
°
[] =
()
( )
°
()×()
×
21
21
6
25
10
where:
VO (25
°C) = V
O at 25
°C.
VO (T1) = VO at Temperature 1.
VO (T2) = VO at Temperature 2.
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in either percent per volt, parts-per-million per volt,
or microvolts per volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation is
expressed in either microvolts per milliampere, parts-per-
million per milliampere, or ohms of dc output resistance.
Long-Term Stability
A typical shift in output voltage over 1,000 hours at a controlled
temperature. The graphs TPC 24 and TPC 25 show a sample
of parts measured at different intervals in a controlled environ-
ment of 50
°C for 1,000 hours.
∆
∆
VV
t
–V
t
V
ppm
Vt
–V
t
Vt
OO
O
O
OO
O
=
()
( )
[] = ()
( )
()
×
01
01
0
6
10
where:
VO (t0) = VO at Time 0.
VO (t1) = VO after 1,000 hours’ operation at a controlled
temperature.
Note that 50
°C was chosen since most applications we have
experienced run at a higher temperature than 25
°C.
Thermal Hysteresis
The change of output voltage after the device is cycled through
temperature from +25
°C to –40°C to +85°C and back to +25°C.
This is a typical value from a sample of parts put through
such a cycle.
VV
C
V
V
ppm
VC
V
VC
O_HYS
O
O_TC
O_HYS
O
O_TC
O
=°
()
[] =
°
()
°
()
×
25
25
25
10
6
–
–
where:
VO (25
°C) = VO at 25°C.
VO_TC = VO at 25
°C after temperature cycle at +25°C to –40°C
to +85
°C and back to +25°C.
Typical Performance Characteristics
TEMPERATURE ( C)
2.042
–40
2.044
2.046
2.048
2.050
2.052
2.054
–15
10
35
60
85
SAMPLE 1
SAMPLE 2
SAMPLE 3
TPC 1. ADR380 Output Voltage vs. Temperature
TEMPERATURE( C)
2.494
–40
2.496
2.498
2.500
2.502
2.504
2.506
–15
10
35
60
85
SAMPLE 1
SAMPLE 2
SAMPLE 3
TPC 2. ADR381 Output Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com