Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS Datasheet(PDF) 47 Page - Analog Devices

Part # ADV601JS
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS Datasheet(HTML) 47 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 43Page - Analog Devices ADV601JS Datasheet HTML 44Page - Analog Devices ADV601JS Datasheet HTML 45Page - Analog Devices ADV601JS Datasheet HTML 46Page - Analog Devices ADV601JS Datasheet HTML 47Page - Analog Devices ADV601JS Datasheet HTML 48Page - Analog Devices ADV601JS Datasheet HTML 49Page - Analog Devices ADV601JS Datasheet HTML 50Page - Analog Devices ADV601JS Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
ADV601
–47–
REV. 0
Host Interface (Compressed Data) Register Timing
The diagrams in this section show transfer timing for host read and write transfers to the ADV601’s Compressed Data register. Ac-
cesses to the Compressed Data register are faster than access timing for the Indirect Address, Indirect Register Data, and Interrupt
Mask/Status registers. For information on access timing for the other registers, see the Host Interface (Indirect Address, Indirect
Register Data, and Interrupt Mask/Status) Register Timing section. Also note that as long as your system observes the
RD or WR
signal assertion timing, your system does NOT have to wait for the
ACK signal between new compressed data addresses.
Table XXXV. Host (Compressed Data) Read Timing Parameters
Parameter
Description
Min
Max
Unit
tRD_CD_RDC
RD Signal, Compressed Data Direct Register, Read Cycle Time
28
N/A
ns
tRD_CD_PWA
RD Signal, Compressed Data Direct Register, Pulse Width Asserted
10
N/A
ns
tRD_CD_PWD
RD Signal, Compressed Data Direct Register, Pulse Width Deasserted
10
N/A
ns
tADR_CD_RDS
ADR Bus, Compressed Data Direct Register, Read Setup
2
N/A
ns
tADR_CD_RDH
ADR Bus, Compressed Data Direct Register, Read Hold (at 27 MHz VCLK)
2
N/A
ns
tDATA_CD_RDD
DATA Bus, Compressed Data Direct Register, Read Delay
N/A
10
ns
tDATA_CD_RDOH
DATA Bus, Compressed Data Direct Register, Read Output Hold
18
N/A
ns
tACK_CD_RDD
ACK Signal, Compressed Data Direct Register, Read Delay
N/A
18
ns
tACK_CD_RDOH
ACK Signal, Compressed Data Direct Register, Read Output Hold
9
N/A
ns
(I) ADR,
BE, CS
(I)
RD
(O) DATA
(O)
ACK
VALID
VALID
VALID
VALID
t
ADR_CD_RDS
t
DATA_CD_RDD
t
ACK_CD_RDD
t
ACK_CD_RDOH
t
DATA_CD_RDOH
t
ADR_CD_RDH
t
RD_CD_RDC
t
RD_CD_PWA
t
RD_CD_PWD
Figure 39. Host (Compressed Data) Read Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com