Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS Datasheet(PDF) 22 Page - Analog Devices

Part # ADV601JS
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 18Page - Analog Devices ADV601JS Datasheet HTML 19Page - Analog Devices ADV601JS Datasheet HTML 20Page - Analog Devices ADV601JS Datasheet HTML 21Page - Analog Devices ADV601JS Datasheet HTML 22Page - Analog Devices ADV601JS Datasheet HTML 23Page - Analog Devices ADV601JS Datasheet HTML 24Page - Analog Devices ADV601JS Datasheet HTML 25Page - Analog Devices ADV601JS Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
ADV601
–22–
REV. 0
• Active Area Control
Four registers HSTART (horizontal start), HEND (horizon-
tal end), VSTART (vertical start) and VEND (vertical end)
determine the active video area. The maximum active video
area is 768 by 288 pixels for a single field.
• Video Format
This control determines the video format that is supported. In
general, the goal of the various video formats is to support
glueless interfaces to the wide variety of video formats periph-
eral components expect. This control is maintained by the
host processor. Table VII shows a synopsis of the supported
video formats. Definitions of each format can be found later
in this section. For Video Interface pins descriptions, see the
Pin Function Descriptions.
Table VII. Component Digital Video Formats
Nominal
Bit/
Color
Data Rate
Master/
Format
Name
Component
Space
Sampling
(MHz)
Slave
I/F Width
Number
CCIR-656
8 or 10
YCrCb
4:2:2
27
Master
8 or 10
0x0
Multiplex Philips
8 or 10
YUV
4:2:2
<=29.5
Either
8 or 10
0x2
Philips
8 or 10
YUV
4:2:2
29.5
Either
8 or 10
0x3
Gray Scale
8, 10 or 12
Luma
4:0:0
13.5
Either
8, 10, or 12
0x8
Clocks and Strobes
All video data, whether 1 or 2 “lanes” of video are used, are
synchronous to the video clock (VCLK). The rising edge of
VCLK is used to clock all data into the ADV601.
Synchronization and Blanking Pins
Three signals, which can be configured as inputs or outputs, are
used for video frame and field horizontal synchronization and
blanking. These signals are VSYNC, HSYNC, and FIELD.
VDATA Pins Functions With Differing Video Interface Formats
The functionality of the Video Interface pins depends on the
current video format. Table VIII defines how Video data pins
are used for the various formats.
Table VIII. VDATA[0:19] Pin Functions Under CCIR-656, Multiplex Philips, Philips, and Gray Scale Video Interfaces
1
VDATA[19:0] Pins
CCIR-656
Multiplex Philips
Philips
Gray Scale
19
N/C
N/C
Chrominance Data9
N/C
18
N/C
N/C
Chrominance Data8
N/C
17
N/C
N/C
Chrominance Data7
N/C
16
N/C
N/C
Chrominance Data6
N/C
15
N/C
N/C
Chrominance Data5
N/C
14
N/C
N/C
Chrominance Data4
N/C
13
N/C
N/C
Chrominance Data3
N/C
12
N/C
N/C
Chrominance Data2
N/C
11
N/C
N/C
Chrominance Data1
Data11
10
N/C
N/C
Chrominance Data0
Data10
9
Data9
Data9
Luminance Data9
Data9
8
Data8
Data8
Luminance Data8
Data8
7
Data7
Data7
Luminance Data7
Data7
6
Data6
Data6
Luminance Data6
Data6
5
Data5
Data5
Luminance Data5
Data5
4
Data4
Data4
Luminance Data4
Data4
3
Data3
Data3
Luminance Data3
Data3
2
Data2
Data2
Luminance Data2
Data2
1
Data1
Data1
Luminance Data1
Data1
0
Data0
Data0
Luminance Data0
Data0
NOTE
1Italic font for an entry in this table indicates that the use of the pin is optional (i.e., bits per component greater than 8 ). Note that unused optional pins should be tied
through a resistor to ground. Also, N/C for an entry in this table indicates that the pin is never used for a particular video format. This nomenclature is consistent
with the Video Format Descriptions found later in this section. Note that Data0 is always the LSB for all formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com