Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS Datasheet(PDF) 20 Page - Analog Devices

Part # ADV601JS
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 16Page - Analog Devices ADV601JS Datasheet HTML 17Page - Analog Devices ADV601JS Datasheet HTML 18Page - Analog Devices ADV601JS Datasheet HTML 19Page - Analog Devices ADV601JS Datasheet HTML 20Page - Analog Devices ADV601JS Datasheet HTML 21Page - Analog Devices ADV601JS Datasheet HTML 22Page - Analog Devices ADV601JS Datasheet HTML 23Page - Analog Devices ADV601JS Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
ADV601
–20–
REV. 0
Host Interface Pins (Continued)
Name
Pins
I/O
Description
FIFO_STP
1
O
FIFO Stop. This condition indicates that the host is far ahead of the ADV601’s
compressed data supply or demand requirements. The state of this pin also appears
in the Interrupt Mask/Status register. Use the interrupt mask to assert a Host inter-
rupt (
HIRQ pin) based on the state of the FIFO_STP pin. This pin operates as
follows:
LO No FIFO Stop condition (FIFOSTP bit LO)
HI FIFO empty (encode) or full (decode) (FIFOSTP bit HI)
STATS_R
1
O
Statistics Ready. This pin indicates the Wavelet Statistics (contents of Sum of
Squares, Sum of Value, MIN Value, MAX Value registers) have been updated and
are ready for the Bin Width calculator to read them from the host or DSP interface.
The frequency of this interrupt will be equal to the field rate. The state of this pin
also appears in the Interrupt Mask/Status register. Use the interrupt mask to assert
a Host interrupt (
HIRQ pin) based on the state of the STATS_R pin. This pin
operates as follows:
LO No Statistics Ready condition (STATSR bit LO)
HI Statistics Ready for BW calculator (STATSR bit HI)
LCODE
1
O
Last Compressed Data (for field). This bit indicates the last compressed data word
for field will be retrieved from the FIFO on the next read from the host bus. The
frequency of this interrupt is similar to the field rate, but varies depending on
compression and host response. The state of this pin also appears in the Interrupt
Mask/Status register. Use the interrupt mask to assert a Host interrupt (
HIRQ pin)
based on the state of the LCODE pin. This pin operates as follows:
LO No Last Code condition (LCODE bit LO)
HI Last data word for field has been read from FIFO (LCODE bit HI)
HIRQ
1
O
Host Interrupt Request. This pin indicates an interrupt request to the Host. The
Interrupt Mask/Status register can select conditions for this interrupt based on any
or all of the following: FIFOSTP, FIFOSRQ, FIFOERR, LCODE, STATR or
CCIR656 unrecoverable error. Note that the polarity of the
HIRQ pin can be
modified using the Mode Control register.
RESET
1
I
ADV601 Chip Reset. Asserting this pin returns all registers to reset state. Note that
the ADV601 must be reset at least once after power-up with this active low signal
input. For more information on reset, see the SWR bit description.
Power Supply Pins
Name
Pins
I/O
Description
GND
28
I
Ground
VDD
21
I
+5 V DC Digital Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com