Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS Datasheet(PDF) 25 Page - Analog Devices

Part # ADV601JS
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 21Page - Analog Devices ADV601JS Datasheet HTML 22Page - Analog Devices ADV601JS Datasheet HTML 23Page - Analog Devices ADV601JS Datasheet HTML 24Page - Analog Devices ADV601JS Datasheet HTML 25Page - Analog Devices ADV601JS Datasheet HTML 26Page - Analog Devices ADV601JS Datasheet HTML 27Page - Analog Devices ADV601JS Datasheet HTML 28Page - Analog Devices ADV601JS Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
ADV601
–25–
REV. 0
Host Interface
The ADV601 host interface is a high performance interface that
passes all command and real-time compressed video data be-
tween the host and codec. A 512 position by 32-bit wide, bidi-
rectional FIFO buffer passes compressed video data to and from
the host. The host interface is capable of burst transfer rates of
up to 132 million bytes per second (4
× 33 MHz). For host inter-
face pins descriptions, see the Pin Function Descriptions section.
For host interface timing information, see the Host Interface Timing
section.
DSP Interface
The DSP Interface is used to interface with an external DSP.
During encode, the DSP provides the ADV601 with Bin Width
calculation support (in applications where the host processor is
not providing Bin Width support). When the host provides Bin
Width calculation support, the DSP is not required. During
decode, the DSP is not needed. This interface is capable of
glueless connection with all of Analog Devices DSP serial ports.
The DSP interface passes the following information (in encode
only):
• Wavelet statistics calculated by the ADV601 output to the DSP
• Compression ratio output to the DSP
• Quantizer control information (i.e., Bin Width and Reciprocal
Bin Width factors) input from the DSP
Figure 11 shows how to connect and ADV601 with a DSP.
Other figures that describe ADV601-to-DSP connections in-
clude Figures 15 and 16.
ADSP-21xx
(SERIAL PORT)
TFS0
TD0
RFS0
RD0
SCLK0
RF
RXDATA
TF
TXDATA
TCLK
DIRQ
IRQ2
ADV601
(SERIAL INTERFACE)
Figure 11. ADV601-to-ADSP-2105 (DSP) Serial Interface
Connections
ADV601 Serial Transfer Overview
The video statistics that the ADV601 calculates and sends to the
DSP for quantizer control calculations are as follows:
• Minimum pixel value per field per component
• Maximum pixel value per field per component
• Sum of pixel values per field per component
• Sum of squares of pixel values per Mallat block per component
• Compression Ratio (programmed by the host) per field
The ADV601 video codec can transmit video field statistics and
receive bin width values through its serial port when connected
to a DSP (an ADSP-21xx family DSP whose SPORT is set for
continuous Rx/Tx normal framing mode). This DSP-compatible
serial port has six pins: RXD, TXD, TCLK, TF, RF and DIRQ.
For DSP Interface pins descriptions, see Pin Function Descriptions.
ADV601 Serial Transfer Process
On a field by field basis, the ADV601 transfers video statistics to
the DSP and then receives bin widths from the DSP. The tim-
ing of the data flow appears in Figure 41. The steps for the data
flow are as follows:
1. The ADV601 asserts
DIRQ to alert the DSP that video sta-
tistics are ready for the first field.
2. The ADV601 transfers the statistics packet of fifty-two 16-bit
words on the TXD pin using a pulse on TF to indicate the
beginning, most-significant-bit first, of each word.
The video statistics transfer for the first field occurs during
the first part of the next field. The address order of register
transfer is as follows: 0x06 (Compression Ratio), 0x80-0xA9
(Sum of Squares [0-41]), 0xAA (Sum of Luma), 0xAB (Sum
of Cb), 0xAC (Sum of Cr), 0xAD (Min Luma), 0xAE (Max
Luma), 0xAF (Min Cb), 0xB0 (Max Cb), 0xB1 (Min Cr),
and 0xB2 (Max Cr).
3. The DSP calculates bin width and reciprocal bin width val-
ues for each Mallat block, using the video statistics.
4. The DSP transfers the bin width and reciprocal bin width
packet of eighty-four 16-bit words on the ADV601’s RXD
pin using a pulse on the ADV601’s RF to indicate the begin-
ning, most-significant-bit first, of each word.
The bin width and reciprocal bin width transfer for the first
field occurs before the end of the next field. The address
order of register transfer is as follows: 0x100 (Reciprocal Bin
Width 0), 0x101 (Bin Width 0), . . . , 0x152 (Reciprocal Bin
Width 41), 0x153 (Bin Width 41).
5. The ADV601 de-asserts
DIRQ after receiving the DSP’s bin
width and reciprocal bin width packet and keeps
DIRQ de-
asserted until the video statistics packet for the next field is
ready for transfer.
ADV601 Serial Transfer Implications
This serial I/O process between the ADV601 and the DSP con-
tinues for all fields of video. Some important implications that
stem from this process are as follows:
• Because the ADV601 asserts
DIRQ near the beginning of
each video field, the signal can be useful for synchronizing
system wide operations that need to key on the beginning of
each video field.
• Because failures in serial I/O to the DSP are possible, the
DSP software times out if the video statistics packet does not
arrive within a specific time window and returns a default set
of bin width values to the ADV601.
• Because failures in serial I/O from the DSP are possible, the
ADV601 uses the bin width values from the previous field if
the DSP does not return new bin with values within a specific
time window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com