Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS Datasheet(PDF) 15 Page - Analog Devices

Part # ADV601JS
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV601JS Datasheet HTML 11Page - Analog Devices ADV601JS Datasheet HTML 12Page - Analog Devices ADV601JS Datasheet HTML 13Page - Analog Devices ADV601JS Datasheet HTML 14Page - Analog Devices ADV601JS Datasheet HTML 15Page - Analog Devices ADV601JS Datasheet HTML 16Page - Analog Devices ADV601JS Datasheet HTML 17Page - Analog Devices ADV601JS Datasheet HTML 18Page - Analog Devices ADV601JS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
ADV601
–15–
REV. 0
MIN Luma Value Register
Indirect (Read Only) Register Index 0x0AD
The MIN Luma Value register lets the host or DSP read the minimum pixel value for the Luma component in the unprocessed
data. The Host reads these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Minimum Luma, MNL[15:0]. 16-bit component pixel value (undefined at reset)
[31:0]
Reserved (always read zero)
MAX Luma Value Register
Indirect (Read Only) Register Index 0x0AE
The MAX Luma Value register lets the host or DSP read the maximum pixel value for the Luma component in the unprocessed
data. The Host reads these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Maximum Luma, MXL[15:0]. 16-bit component pixel value (undefined at reset)
[31:0]
Reserved (always read zero)
MIN Cb Value Register
Indirect (Read Only) Register Index 0x0AF
The MIN Cb Value register lets the host or DSP read the minimum pixel value for the Cb component in the unprocessed data.
The Host reads these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Minimum Cb, MNCB[15:0], 16-bit component pixel value (undefined at reset)
[31:0]
Reserved (always read zero)
MAX Cb Value Register
Indirect (Read Only) Register Index 0x0B0
The MAX Cb Value register lets the host or DSP read the maximum pixel value for the Cb component in the unprocessed data.
The Host reads these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Maximum Cb, MXCB[15:0].16-bit component pixel value (undefined at reset)
[31:0]
Reserved (always read zero)
MIN Cr Value Register
Indirect (Read Only) Register Index 0x0B1
The MIN Cr Value register lets the host or DSP read the minimum pixel value for the Cr component in the unprocessed data.
The Host reads these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Minimum Cr, MNCR[15:0]. 16-bit component pixel value (undefined at reset)
[31:0]
Reserved (always read zero)
MAX Cr Value Register
Indirect (Read Only) Register Index 0x0B2
The MAX Cr Value register lets the host or DSP read the maximum pixel value for the Cr component in the unprocessed data.
The Host reads these values through the Host Interface or the DSP receives these values through the serial port.
[15:0]
Maximum Cr, MXCR[15:0]. 16-bit component pixel value (undefined at reset)
[31:0]
Reserved (always read zero)
Bin Width and Reciprocal Bin Width Registers
Indirect (Read/Write) Register Index 0x0100-0x0153
The RBW and BW values are calculated by the host or DSP from data in the Sum of Squares [0-41], Sum of Value, MIN Value, and
MAX Value registers; then are written to RBW and BW registers during encode mode to control the quantizer. The Host writes
these values through the Host Interface or the DSP transmits these values through the serial port.
These registers contain a 16-bit interleaved table of alternating RBW/BW (RBW-even addresses and BW-odd addresses) values
as indexed on writes by address register. Bin Widths are 8.8, unsigned, 16-bit, fixed-point values. Reciprocal Bin Widths are
6.10, unsigned, 16-bit, fixed-point values. Operation of this register is controlled by the host driver or the DSP (84 total entries)
(undefined at reset).
[15:0]
Bin Width Values, BW[15:0]
[15:0]
Reciprocal Bin Width Values, RBW[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com