Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV601JS Datasheet(PDF) 1 Page - Analog Devices

Part # ADV601JS
Description  Low Cost Multiformat Video Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601JS Datasheet(HTML) 1 Page - Analog Devices

  ADV601JS Datasheet HTML 1Page - Analog Devices ADV601JS Datasheet HTML 2Page - Analog Devices ADV601JS Datasheet HTML 3Page - Analog Devices ADV601JS Datasheet HTML 4Page - Analog Devices ADV601JS Datasheet HTML 5Page - Analog Devices ADV601JS Datasheet HTML 6Page - Analog Devices ADV601JS Datasheet HTML 7Page - Analog Devices ADV601JS Datasheet HTML 8Page - Analog Devices ADV601JS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADV601
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
Low Cost
Multiformat Video Codec
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
VIDEO I/O
PORT
WAVELET
FILTERS,
DECIMATOR, &
INTERPOLATOR
ADAPTIVE
QUANTIZER
RUN
LENGTH
CODER
HUFFMAN
CODER
HOST
I/O PORT
& FIFO
SERIAL
PORT
DRAM
MANAGER
ON-CHIP
TRANSFORM
BUFFER
HOST
ADV601
LOW COST, MULTIFORMAT
VIDEO CODEC
256K X 16-BIT DRAM
(FIELD STORE)
DSP
(OPTIONAL)
DIGITAL
COMPONENT
VIDEO I/O
FEATURES
Precise Compressed Bit Rate Control
Field Independent Compression
Flexible Video Interface Supports All Common
Formats, Including CCIR-656
General Purpose 8-, 16- or 32-Bit Host Interface With
512 Deep 32-Bit FIFO
PERFORMANCE
Real-Time Compression Or Decompression of CCIR-601
And Square Pixel Video:
720
288 @ 50 Fields/Sec — PAL
768
288 @ 50 Fields/Sec — PAL
720
243 @ 60 Fields/Sec — NTSC
640
243 @ 60 Fields/Sec — NTSC
Compression Ratios from Visually Loss-Less To 350:1
Visually Loss-Less Compression At 4:1 on Natural
Images (Typical)
APPLICATIONS
Nonlinear Video Editing
Video Capture Systems
Remote CCTV Surveillance
Digital Camcorders
Broadcast Quality Video Distribution Systems
Video Insertion Equipment
Image And Video Archival Systems
Digital Video Tape
High Quality Video Teleconferencing
GENERAL DESCRIPTION
The ADV601 is a very low cost, single chip, dedicated function,
all digital CMOS VLSI device capable of supporting visually
loss-less to 350:1 real-time compression and decompression of
CCIR-601 digital video at very high image quality levels. The
chip integrates glueless video and host interfaces with on-chip
SRAM to permit low part count, system level implementations
suitable for a broad range of applications.
The ADV601 is a video encoder/decoder optimized for real-time
compression and decompression of interlaced digital video. All
features of the ADV601 are designed to yield high performance
at a breakthrough systems-level cost. Additionally, the unique
sub-band coding architecture of the ADV601 offers you many
application-specific advantages. A review of the General Theory
of Operation and Applying the ADV601 sections will help you
get the most use out of the ADV601 in any given application.
The ADV601 accepts component digital video through the
Video Interface and outputs a compressed bit stream though the
Host Interface in Encode Mode. While in Decode Mode, the
ADV601 accepts a compressed bit stream through the Host
Interface and outputs component digital video through the
Video Interface. The host accesses all of the ADV601’s control
and status registers using the Host Interface. An optional Digital
Signal Processor (DSP) may be used for calculating quantiza-
tion Bin Widths (BW) (instead of the host); the ADV601 sends
current field statistics and receives Bin Width results as a packet
I/O over the DSP serial port interface. A generic fixed-point DSP
(for instance the ADSP-2105) is more than adequate for these
calculations. Figure 1 summarizes the basic function of the part.
(continued on page 2)


Similar Part No. - ADV601JS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV601JS AD-ADV601JS Datasheet
440Kb / 52P
Low Cost Multiformat Video Codec
REV. 0
ADV601JS12 AD-ADV601JS12 Datasheet
440Kb / 52P
Low Cost Multiformat Video Codec
REV. 0
More results

Similar Description - ADV601JS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV601LC AD-ADV601LC Datasheet
472Kb / 44P
Ultralow Cost Video Codec
REV.0
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
Multiformat SDTV Video Decoder
7/04-Revision 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
Multiformat SDTV Video Decoder
6/04-Changed from Rev. 0 to Rev. A.
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
Multiformat SDTV Video Decoder
6/04-Changed from Rev. 0 to Rev. A.
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
Multiformat SDTV Video Decoder
9/05-Rev. A to Rev. B
ADV7189BKSTZ AD-ADV7189BKSTZ Datasheet
783Kb / 104P
Multiformat SDTV Video Decoder
REV. B
ADV601JS12 AD-ADV601JS12 Datasheet
440Kb / 52P
Low Cost Multiformat Video Codec
REV. 0
ADV601LCJSTZ AD-ADV601LCJSTZ Datasheet
546Kb / 44P
Ultralow Cost Video Codec
REV. 0
ADV601LC AD-ADV601LC_15 Datasheet
546Kb / 44P
Ultralow Cost Video Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com