Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM02001 Datasheet(PDF) 4 Page - DB Lectro Inc

Part # MSM02001
Description  Caract챕ristiques fonctionnelles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSM02001 Datasheet(HTML) 4 Page - DB Lectro Inc

  MSM02001 Datasheet HTML 1Page - DB Lectro Inc MSM02001 Datasheet HTML 2Page - DB Lectro Inc MSM02001 Datasheet HTML 3Page - DB Lectro Inc MSM02001 Datasheet HTML 4Page - DB Lectro Inc MSM02001 Datasheet HTML 5Page - DB Lectro Inc MSM02001 Datasheet HTML 6Page - DB Lectro Inc MSM02001 Datasheet HTML 7Page - DB Lectro Inc MSM02001 Datasheet HTML 8Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
*W [kg]: Approximate Weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSM
MSM__006
Straight, Modular-Side Entry
10.16 mm / .400” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01006
450
0,80
2000
3,54
02
MSM02006
300
1,06
1750
6,20
03
MSM03006
175
0,93
1000
5,31
04
MSM04006
125
0,89
750
5,31
05
MSM05006
100
0,89
500
4,43
06
MSM06006
75
0,80
500
5,31
07
MSM07006
75
0,93
500
6,20
08
MSM08006
75
1,06
500
7,08
09
MSM09006
75
1.19
250
3,98
10
MSM10006
50
0,89
250
4,43
11
MSM11006
50
0,97
250
4,87
12
MSM12006
50
1,06
250
5,31
13
MSM13006
50
1,15
250
5,75
MSM__007
Straight, Modular-Side Entry
7.62 mm / .300” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02007
300
1,05
1750
6,13
03
MSM03007
200
1,05
1500
7,88
MSM__005
Straight, Modular-Side Entry
5.08 mm / .200” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02005
900
2,81
2000
6,24
03
MSM03005
600
2,81
1750
8,19
04
MSM04005
400
2,50
1500
9,36
05
MSM05005
350
2,73
1000
7,80
06
MSM06005
300
2,81
750
7,02
07
MSM07005
250
2,73
750
8,19
08
MSM08005
200
2,50
750
9,36
09
MSM09005
175
2,46
500
7,02
10
MSM10005
175
2,73
500
7,80
11
MSM11005
150
2,57
500
8,58
12
MSM12005
150
2,81
500
9,36
13
MSM13005
75
1,52
500
10,14
14
MSM14005
75
1,64
250
5,46
15
MSM15005
75
1,76
250
5,85
16
MSM16005
75
1,87
250
6,24
17
MSM17005
75
1,99
250
6,63
18
MSM18005
75
2,11
250
7,02
19
MSM19005
50
1,48
250
7,41
20
MSM20005
50
1,56
250
7,80
21
MSM21005
50
1,64
250
8,19
22
MSM22005
50
1,72
250
8,58
23
MSM23005
50
1,79
250
8,97
24
MSM24005
50
1,87
250
9,36
25
MSM25005
50
1,95
250
9,75
MSM__002
Straight, Modular-Side Entry
10 mm / .394” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01002
450
0,80
2000
3,54
02
MSM02002
300
1,06
1750
6,20
03
MSM03002
175
0,93
1000
5,31
04
MSM04002
125
0,89
750
5,31
05
MSM05002
100
0,89
500
4,43
06
MSM06002
75
0,80
500
5,31
07
MSM07002
75
0,93
500
6,20
08
MSM08002
75
1,06
500
7,08
09
MSM09002
75
1.19
250
3,98
10
MSM10002
50
0,89
250
4,43
11
MSM11002
50
0,97
250
4,87
12
MSM12002
50
1,06
250
5,31
13
MSM13002
50
1,15
250
5,75
MSM__003
Straight, Modular-Side Entry
7.5 mm / .295” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02003
300
1,05
1750
6,13
03
MSM03003
200
1,05
1500
7,88
04
MSM04003
150
1,05
1250
8,75
MSM__001
Straight, Modular-Side Entry
5 mm / .197” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02001
900
2,81
2000
6,24
03
MSM03001
600
2,81
1750
8,19
04
MSM04001
400
2,50
1500
9,36
05
MSM05001
350
2,73
1000
7,80
06
MSM06001
300
2,81
750
7,02
07
MSM07001
250
2,73
750
8,19
08
MSM08001
200
2,50
750
9,36
09
MSM09001
175
2,46
500
7,02
10
MSM10001
175
2,73
500
7,80
11
MSM11001
150
2,57
500
8,58
12
MSM12001
150
2,81
500
9,36
13
MSM13001
75
1,52
500
10,14
14
MSM14001
75
1,64
250
5,46
15
MSM15001
75
1,76
250
5,85
16
MSM16001
75
1,87
250
6,24
17
MSM17001
75
1,99
250
6,63
18
MSM18001
75
2,11
250
7,02
19
MSM19001
50
1,48
250
7,41
20
MSM20001
50
1,56
250
7,80
21
MSM21001
50
1,64
250
8,19
22
MSM22001
50
1,72
250
8,58
23
MSM23001
50
1,79
250
8,97
24
MSM24001
50
1,87
250
9,36
25
MSM25001
50
1,95
250
9,75
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com