Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM02001 Datasheet(PDF) 6 Page - DB Lectro Inc

Part # MSM02001
Description  Caract챕ristiques fonctionnelles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSM02001 Datasheet(HTML) 6 Page - DB Lectro Inc

  MSM02001 Datasheet HTML 1Page - DB Lectro Inc MSM02001 Datasheet HTML 2Page - DB Lectro Inc MSM02001 Datasheet HTML 3Page - DB Lectro Inc MSM02001 Datasheet HTML 4Page - DB Lectro Inc MSM02001 Datasheet HTML 5Page - DB Lectro Inc MSM02001 Datasheet HTML 6Page - DB Lectro Inc MSM02001 Datasheet HTML 7Page - DB Lectro Inc MSM02001 Datasheet HTML 8Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
*W [kg]: Approximate Weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSM
MSM__046
35° Modular, Angled Entry
10.16 mm / .400” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01046
450
0,80
2500
4,43
02
MSM02046
300
1,06
1500
5,31
03
MSM03046
175
0,93
1000
5,31
04
MSM04046
125
0,89
750
5,31
05
MSM05046
100
0,89
500
4,43
06
MSM06046
75
0,80
500
5,31
07
MSM07046
75
0,93
500
6,20
08
MSM08046
75
1,06
250
3,54
09
MSM09046
75
1,19
250
3,98
10
MSM10046
50
0,89
250
4,43
11
MSM11046
50
0,97
250
4,87
12
MSM12046
50
1,06
250
5,31
13
MSM13046
50
1,15
250
5,75
MSM__047
35° Modular, Angled Entry
7.62 mm / .300” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02047
300
1,05
1750
6,13
03
MSM03047
200
1,05
1500
7,88
04
MSM04047
150
1,05
1250
8,75
05
MSM05047
100
0,88
1000
8,75
06
MSM06047
75
0,79
750
7,88
07
MSM07047
75
0,92
750
9,19
08
MSM08047
75
1,05
750
10,50
09
MSM09047
75
1,18
500
7,88
10
MSM10047
75
1,31
500
8,75
11
MSM11047
50
0,96
250
4,81
12
MSM12047
50
1,05
250
5,25
MSM__045
35° Modular, Angled Entry
5.08 mm / .200” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02045
900
2,81
2500
7,80
03
MSM03045
600
2,81
1500
7,02
04
MSM04045
400
2,50
1500
9,36
05
MSM05045
350
2,73
1000
7,80
06
MSM06045
300
2,81
750
7,02
07
MSM07045
250
2,73
750
8,19
08
MSM08045
200
2,50
750
9,36
09
MSM09045
175
2,46
500
7,02
10
MSM10045
175
2,73
500
7,80
11
MSM11045
150
2,57
500
8,58
12
MSM12045
150
2,81
500
9,36
13
MSM13045
75
1,52
250
5,07
14
MSM14045
75
1,64
250
5,46
15
MSM15045
75
1,76
250
5,85
16
MSM16045
75
1,87
250
6,24
17
MSM17045
70
1,86
250
6,63
18
MSM18045
65
1,83
250
7,02
19
MSM19045
50
1,48
250
7,41
20
MSM20045
50
1,56
250
7,80
21
MSM21045
50
1,64
250
8,19
22
MSM22045
50
1,72
250
8,58
23
MSM23045
50
1,79
250
8,97
24
MSM24045
50
1,87
250
9,36
25
MSM25045
50
1,95
250
9,75
MSM__042
35° Modular, Angled Entry
10 mm / .394” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01042
450
0,80
2500
4,43
02
MSM02042
300
1,06
1500
5,31
03
MSM03042
175
0,93
1000
5,31
04
MSM04042
125
0,89
750
5,31
05
MSM05042
100
0,89
500
4,43
06
MSM06042
75
0,80
500
5,31
MSM__043
35° Modular, Angled Entry
7.5 mm / .295” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02043
300
1,05
1750
6,13
03
MSM03043
200
1,05
1500
7,88
04
MSM04043
150
1,05
1250
8,75
05
MSM05043
100
0,88
1000
8,75
06
MSM06043
75
0,79
750
7,88
07
MSM07043
75
0,92
750
9,19
08
MSM08043
75
1,05
750
10,50
09
MSM09043
75
1,18
500
7,88
10
MSM10043
75
1,31
500
8,75
11
MSM11043
50
0,96
250
4,81
12
MSM12043
50
1,05
250
5,25
MSM__041
35° Modular, Angled Entry
5 mm / .197” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02041
900
2,81
2500
7,80
03
MSM03041
600
2,81
1500
7,02
04
MSM04041
400
2,50
1500
9,36
05
MSM05041
350
2,73
1000
7,80
06
MSM06041
300
2,81
750
7,02
07
MSM07041
250
2,73
750
8,19
08
MSM08041
200
2,50
750
9,36
09
MSM09041
175
2,46
500
7,02
10
MSM10041
175
2,73
500
7,80
11
MSM11041
150
2,57
500
8,58
12
MSM12041
150
2,81
500
9,36
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com