Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM02001 Datasheet(PDF) 5 Page - DB Lectro Inc

Part # MSM02001
Description  Caract챕ristiques fonctionnelles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSM02001 Datasheet(HTML) 5 Page - DB Lectro Inc

  MSM02001 Datasheet HTML 1Page - DB Lectro Inc MSM02001 Datasheet HTML 2Page - DB Lectro Inc MSM02001 Datasheet HTML 3Page - DB Lectro Inc MSM02001 Datasheet HTML 4Page - DB Lectro Inc MSM02001 Datasheet HTML 5Page - DB Lectro Inc MSM02001 Datasheet HTML 6Page - DB Lectro Inc MSM02001 Datasheet HTML 7Page - DB Lectro Inc MSM02001 Datasheet HTML 8Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MSM
MSM__096
90° Modular, Top Entry
10.16 mm / .400” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01096
450
0,80
2000
3,54
02
MSM02096
300
1,06
1750
6,20
03
MSM03096
175
0,93
1000
5,31
04
MSM04096
125
0,89
750
5,31
05
MSM05096
100
0,89
500
4,43
06
MSM06096
75
0,80
500
5,31
07
MSM07096
75
0,93
500
6,20
08
MSM08096
75
1,06
500
7,08
09
MSM09096
75
1,19
250
3,98
10
MSM10096
50
0,89
250
4,43
11
MSM11096
50
0,97
250
4,87
12
MSM12096
50
1,06
250
5,31
13
MSM13096
50
1,15
250
5,75
MSM__092
90° Modular, Top Entry
10 mm / .394” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01092
450
0,80
2000
3,54
02
MSM02092
300
1,06
1750
6,20
03
MSM03092
175
0,93
1000
5,31
04
MSM04092
125
0,89
750
5,31
05
MSM05092
100
0,89
500
4,43
06
MSM06092
75
0,80
500
5,31
07
MSM07092
75
0,93
500
6,20
08
MSM08092
75
1,06
500
7,08
09
MSM09092
75
1,19
250
3,98
10
MSM10092
50
0,89
250
4,43
11
MSM11092
50
0,97
250
4,87
12
MSM12092
50
1,06
250
5,31
13
MSM13092
50
1,15
250
5,75
MSM__097
90° Modular, Top Entry
7.62 mm / .300” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02097
300
1,05
1750
6,13
03
MSM03097
200
1,05
1500
7,88
MSM__093
90° Modular, Top Entry
7.5 mm / .295” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02093
300
1,05
1750
6,13
03
MSM03093
200
1,05
1500
7,88
04
MSM04093
150
1,05
1250
8,75
MSM__095
90° Modular, Top Entry
5.08 mm / .200” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02095
900
2,81
2000
6,24
03
MSM03095
600
2,81
1750
8,19
04
MSM04095
400
2,50
1500
9,36
05
MSM05095
350
2,73
1000
7,80
06
MSM06095
300
2,81
750
7,02
07
MSM07095
250
2,73
750
8,19
08
MSM08095
200
2,50
750
9,36
09
MSM09095
175
2,46
500
7,02
10
MSM10095
175
2,73
500
7,80
11
MSM11095
150
2,57
500
8,58
12
MSM12095
150
2,81
500
9,36
13
MSM13095
75
1,52
500
10,14
14
MSM14095
75
1,64
250
5,46
15
MSM15095
75
1,76
250
5,85
16
MSM16095
75
1,87
250
6,24
17
MSM17095
75
1,99
250
6,63
18
MSM18095
75
2,11
250
7,02
19
MSM19095
50
1,48
250
7,41
20
MSM20095
50
1,56
250
7,80
21
MSM21095
50
1,64
250
8,19
22
MSM22095
50
1,72
250
8,58
23
MSM23095
50
1,79
250
8,97
24
MSM24095
50
1,87
250
9,36
25
MSM25095
50
1,95
250
9,75
MSM__091
90° Modular, Top Entry
5 mm / .197” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02091
900
2,81
2000
6,24
03
MSM03091
600
2,81
1750
8,19
04
MSM04091
400
2,50
1500
9,36
05
MSM05091
350
2,73
1000
7,80
06
MSM06091
300
2,81
750
7,02
07
MSM07091
250
2,73
750
8,19
08
MSM08091
200
2,50
750
9,36
09
MSM09091
175
2,46
500
7,02
10
MSM10091
175
2,73
500
7,80
11
MSM11091
150
2,57
500
8,58
12
MSM12091
150
2,81
500
9,36
13
MSM13091
75
1,52
500
10,14
14
MSM14091
75
1,64
250
5,46
15
MSM15091
75
1,76
250
5,85
16
MSM16091
75
1,87
250
6,24
17
MSM17091
75
1,99
250
6,63
18
MSM18091
75
2,11
250
7,02
19
MSM19091
50
1,48
250
7,41
20
MSM20091
50
1,56
250
7,80
21
MSM21091
50
1,64
250
8,19
22
MSM22091
50
1,72
250
8,58
23
MSM23091
50
1,79
250
8,97
24
MSM24091
50
1,87
250
9,36
25
MSM25091
50
1,95
250
9,75
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
Modular version, combinable 2 ÷ ∞ poles



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com