Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM02001 Datasheet(PDF) 7 Page - DB Lectro Inc

Part # MSM02001
Description  Caract챕ristiques fonctionnelles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSM02001 Datasheet(HTML) 7 Page - DB Lectro Inc

  MSM02001 Datasheet HTML 1Page - DB Lectro Inc MSM02001 Datasheet HTML 2Page - DB Lectro Inc MSM02001 Datasheet HTML 3Page - DB Lectro Inc MSM02001 Datasheet HTML 4Page - DB Lectro Inc MSM02001 Datasheet HTML 5Page - DB Lectro Inc MSM02001 Datasheet HTML 6Page - DB Lectro Inc MSM02001 Datasheet HTML 7Page - DB Lectro Inc MSM02001 Datasheet HTML 8Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MSM
MSM__056
270° Modular, Bottom Entry
10.16 mm / .400” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01056
450
0,80
2000
3,54
02
MSM02056
300
1,06
1750
6,20
03
MSM03056
175
0,93
1000
5,31
04
MSM04056
125
0,89
750
5,31
05
MSM05056
100
0,89
500
4,43
06
MSM06056
75
0,80
500
5,31
07
MSM07056
75
0,93
500
6,20
08
MSM08056
75
1,06
500
7,08
09
MSM09056
75
1,19
250
3,98
10
MSM10056
50
0,89
250
4,43
11
MSM11056
50
0,97
250
4,87
12
MSM12056
50
1,06
250
5,31
13
MSM13056
50
1,15
250
5,75
MSM__052
270° Modular, Bottom Entry
10 mm / .394” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01052
450
0,80
2000
3,54
02
MSM02052
300
1,06
1750
6,20
03
MSM03052
175
0,93
1000
5,31
04
MSM04052
125
0,89
750
5,31
05
MSM05052
100
0,89
500
4,43
06
MSM06052
75
0,80
500
5,31
07
MSM07052
75
0,93
500
6,20
08
MSM08052
75
1,06
500
7,08
09
MSM09052
75
1,19
250
3,98
10
MSM10052
50
0,89
250
4,43
11
MSM11052
50
0,97
250
4,87
12
MSM12052
50
1,06
250
5,31
13
MSM13052
50
1,15
250
5,75
MSM__057
270° Modular, Bottom Entry
7.62 mm / .300” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02057
300
1,05
1750
6,13
03
MSM03057
200
1,05
1500
7,88
MSM__053
270° Modular, Bottom Entry
7.5 mm / .295” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02053
300
1,05
1750
6,13
03
MSM03053
200
1,05
1500
7,88
04
MSM04053
150
1,05
1250
8,75
MSM__055
270° Modular, Bottom Entry
5.08 mm / .200” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02055
900
2,81
2000
6,24
03
MSM03055
600
2,81
1750
8,19
04
MSM04055
400
2,50
1500
9,36
05
MSM05055
350
2,73
1000
7,80
06
MSM06055
300
2,81
750
7,02
07
MSM07055
250
2,73
750
8,19
08
MSM08055
200
2,50
750
9,36
09
MSM09055
175
2,46
500
7,02
10
MSM10055
175
2,73
500
7,80
11
MSM11055
150
2,57
500
8,58
12
MSM12055
150
2,81
500
9,36
13
MSM13055
75
1,52
500
10,14
14
MSM14055
75
1,64
250
5,46
15
MSM15055
75
1,76
250
5,85
16
MSM16055
75
1,87
250
6,24
17
MSM17055
75
1,99
250
6,63
18
MSM18055
75
2,11
250
7,02
19
MSM19055
50
1,48
250
7,41
20
MSM20055
50
1,56
250
7,80
21
MSM21055
50
1,64
250
8,19
22
MSM22055
50
1,72
250
8,58
23
MSM23055
50
1,79
250
8,97
24
MSM24055
50
1,87
250
9,36
25
MSM25055
50
1,95
250
9,75
MSM__051
270° Modular, Bottom Entry
5 mm / .197” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02051
900
2,81
2000
6,24
03
MSM03051
600
2,81
1750
8,19
04
MSM04051
400
2,50
1500
9,36
05
MSM05051
350
2,73
1000
7,80
06
MSM06051
300
2,81
750
7,02
07
MSM07051
250
2,73
750
8,19
08
MSM08051
200
2,50
750
9,36
09
MSM09051
175
2,46
500
7,02
10
MSM10051
175
2,73
500
7,80
11
MSM11051
150
2,57
500
8,58
12
MSM12051
150
2,81
500
9,36
13
MSM13051
75
1,52
500
10,14
14
MSM14051
75
1,64
250
5,46
15
MSM15051
75
1,76
250
5,85
16
MSM16051
75
1,87
250
6,24
17
MSM17051
75
1,99
250
6,63
18
MSM18051
75
2,11
250
7,02
19
MSM19051
50
1,48
250
7,41
20
MSM20051
50
1,56
250
7,80
21
MSM21051
50
1,64
250
8,19
22
MSM22051
50
1,72
250
8,58
23
MSM23051
50
1,79
250
8,97
24
MSM24051
50
1,87
250
9,36
25
MSM25051
50
1,95
250
9,75
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
Modular version, combinable 2 ÷ ∞ poles



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com