Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM02001 Datasheet(PDF) 8 Page - DB Lectro Inc

Part # MSM02001
Description  Caract챕ristiques fonctionnelles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSM02001 Datasheet(HTML) 8 Page - DB Lectro Inc

  MSM02001 Datasheet HTML 1Page - DB Lectro Inc MSM02001 Datasheet HTML 2Page - DB Lectro Inc MSM02001 Datasheet HTML 3Page - DB Lectro Inc MSM02001 Datasheet HTML 4Page - DB Lectro Inc MSM02001 Datasheet HTML 5Page - DB Lectro Inc MSM02001 Datasheet HTML 6Page - DB Lectro Inc MSM02001 Datasheet HTML 7Page - DB Lectro Inc MSM02001 Datasheet HTML 8Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
*W [kg]: Approximate Weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSM
MSM__006-000T
Straight, Modular-Side Entry
10.16 mm / .400” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01006-000T
450
0,80
2000
3,54
02
MSM02006-000T
300
1,06
1750
6,20
03
MSM03006-000T
175
0,93
1000
5,31
04
MSM04006-000T
125
0,89
750
5,31
05
MSM05006-000T
100
0,89
500
4,43
06
MSM06006-000T
75
0,80
500
5,31
07
MSM07006-000T
75
0,93
500
6,20
08
MSM08006-000T
75
1,06
500
7,08
09
MSM09006-000T
75
1.19
250
3,98
10
MSM10006-000T
50
0,89
250
4,43
11
MSM11006-000T
50
0,97
250
4,87
12
MSM12006-000T
50
1,06
250
5,31
13
MSM13006-000T
50
1,15
250
5,75
MSM__007-000T
Straight, Modular-Side Entry
7.62 mm / .300” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02007-000T
300
1,05
1750
6,13
03
MSM03007-000T
200
1,05
1500
7,88
MSM__005-000T
Straight, Modular-Side Entry
5.08 mm / .200” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02005-000T
900
2,81
2000
6,24
03
MSM03005-000T
600
2,81
1750
8,19
04
MSM04005-000T
400
2,50
1500
9,36
05
MSM05005-000T
350
2,73
1000
7,80
06
MSM06005-000T
300
2,81
750
7,02
07
MSM07005-000T
250
2,73
750
8,19
08
MSM08005-000T
200
2,50
750
9,36
09
MSM09005-000T
175
2,46
500
7,02
10
MSM10005-000T
175
2,73
500
7,80
11
MSM11005-000T
150
2,57
500
8,58
12
MSM12005-000T
150
2,81
500
9,36
13
MSM13005-000T
75
1,52
500
10,14
14
MSM14005-000T
75
1,64
250
5,46
15
MSM15005-000T
75
1,76
250
5,85
16
MSM16005-000T
75
1,87
250
6,24
17
MSM17005-000T
75
1,99
250
6,63
18
MSM18005-000T
75
2,11
250
7,02
19
MSM19005-000T
50
1,48
250
7,41
20
MSM20005-000T
50
1,56
250
7,80
21
MSM21005-000T
50
1,64
250
8,19
22
MSM22005-000T
50
1,72
250
8,58
23
MSM23005-000T
50
1,79
250
8,97
24
MSM24005-000T
50
1,87
250
9,36
25
MSM25005-000T
50
1,95
250
9,75
MSM__002-000T
Straight, Modular-Side Entry
10 mm / .394” Pitch
Weight per pole: 1.77 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSM01002-000T
450
0,80
2000
3,54
02
MSM02002-000T
300
1,06
1750
6,20
03
MSM03002-000T
175
0,93
1000
5,31
04
MSM04002-000T
125
0,89
750
5,31
05
MSM05002-000T
100
0,89
500
4,43
06
MSM06002-000T
75
0,80
500
5,31
07
MSM07002-000T
75
0,93
500
6,20
08
MSM08002-000T
75
1,06
500
7,08
09
MSM09002-000T
75
1,19
250
3,98
10
MSM10002-000T
50
0,89
250
4,43
11
MSM11002-000T
50
0,97
250
4,87
12
MSM12002-000T
50
1,06
250
5,31
13
MSM13002-000T
50
1,15
250
5,75
MSM__003-000T
Straight, Modular-Side Entry
7.5 mm / .295” Pitch
Weight per pole: 1.75 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02003-000T
300
1,05
1750
6,13
03
MSM03003-000T
200
1,05
1500
7,88
04
MSM04003-000T
150
1,05
1250
8,75
MSM__001-000T
Straight, Modular-Side Entry
5 mm / .197” Pitch
Weight per pole: 1.56 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSM02001-000T
900
2,81
2000
6,24
03
MSM03001-000T
600
2,81
1750
8,19
04
MSM04001-000T
400
2,50
1500
9,36
05
MSM05001-000T
350
2,73
1000
7,80
06
MSM06001-000T
300
2,81
750
7,02
07
MSM07001-000T
250
2,73
750
8,19
08
MSM08001-000T
200
2,50
750
9,36
09
MSM09001-000T
175
2,46
500
7,02
10
MSM10001-000T
175
2,73
500
7,80
11
MSM11001-000T
150
2,57
500
8,58
12
MSM12001-000T
150
2,81
500
9,36
13
MSM13001-000T
75
1,52
500
10,14
14
MSM14001-000T
75
1,64
250
5,46
15
MSM15001-000T
75
1,76
250
5,85
16
MSM16001-000T
75
1,87
250
6,24
17
MSM17001-000T
75
1,99
250
6,63
18
MSM18001-000T
75
2,11
250
7,02
19
MSM19001-000T
50
1,48
250
7,41
20
MSM20001-000T
50
1,56
250
7,80
21
MSM21001-000T
50
1,64
250
8,19
22
MSM22001-000T
50
1,72
250
8,58
23
MSM23001-000T
50
1,79
250
8,97
24
MSM24001-000T
50
1,87
250
9,36
25
MSM25001-000T
50
1,95
250
9,75
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com