Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5403 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5403
Description  4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5403 Datasheet(HTML) 5 Page - Texas Instruments

  TPS5403 Datasheet HTML 1Page - Texas Instruments TPS5403 Datasheet HTML 2Page - Texas Instruments TPS5403 Datasheet HTML 3Page - Texas Instruments TPS5403 Datasheet HTML 4Page - Texas Instruments TPS5403 Datasheet HTML 5Page - Texas Instruments TPS5403 Datasheet HTML 6Page - Texas Instruments TPS5403 Datasheet HTML 7Page - Texas Instruments TPS5403 Datasheet HTML 8Page - Texas Instruments TPS5403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPS5403
www.ti.com
SLVSBK5 – SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
TA = -40°C to 125°C, VIN = 4.5 V to 28 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Input Voltage range
4.5
28
V
Non switching quiescent power supply
IDDQ_nsw
VSENSE > 3.5 V
100
µA
current
Rising VIN
3.5
V
UVLO
VIN under voltage lockout
Hysteresis
200
mV
FEEDBACK AND ERROR AMPLIFIER
VSENSE
Regulated output voltage
VIN = 12 V
3.2
3.3
3.4
V
-2 µA < ICOMP < 2 µA,
Gm_EA
Error amplifier trans-conductance
92
µs
VCOMP = 1 V
Igm
Error amplifier source/sink current
VCOMP = 1 V, 100 mV overdrive
±7
µA
Gm_SRC
COMP voltage to inductor current Gm
VIN = 12 V
9
A/V
PFM MODE AND SOFT-START
Pulse skipping mode switch current
Ith
300
mA
threshold
ISS
Charge current
2
µA
OSCILLATOR
fSW_BK
Switching frequency range
Set by external resistor ROSC
50
1100
kHz
ROSC = GND
70
fSW
Programmable frequency
ROSC = OPEN
120
kHz
ROSC = 85.5 k
Ω
300
Frequency spread spectrum in
fjitter
VIN = 12 V
±6
%
percentage of fSW
Jittering swing frequency in percentage
fswing
VIN = 12 V
1/512
of fSW
tmin_on
Minimum on time
VIN = 12 V, TA = 25°C
200
ns
Dmax
Maximum duty ratio
VIN = 12 V
93
%
CURRENT LIMIT
ILIMIT
Peak inductor current limit
VIN = 12 V
2.2
2.5
3.1
A
MOSFET ON-RESISTANCE
Rdson_HS
On resistance of high side FET
VIN = 12 V
120
240
m
Ω
THERMAL SHUTDOWN
TTRIP
Thermal protection trip point
Rising temperature
165
°C
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS5403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com