Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5403 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5403
Description  4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5403 Datasheet(HTML) 2 Page - Texas Instruments

  TPS5403 Datasheet HTML 1Page - Texas Instruments TPS5403 Datasheet HTML 2Page - Texas Instruments TPS5403 Datasheet HTML 3Page - Texas Instruments TPS5403 Datasheet HTML 4Page - Texas Instruments TPS5403 Datasheet HTML 5Page - Texas Instruments TPS5403 Datasheet HTML 6Page - Texas Instruments TPS5403 Datasheet HTML 7Page - Texas Instruments TPS5403 Datasheet HTML 8Page - Texas Instruments TPS5403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Boot
UVLO
Boot
Charge
R
Q
S
Shutdown
Logic
Thermal
Shutdown
Gate
Drive
Logic
Frequency
Shift
Oscillator
Slope
Compensation
Minimum Clamp
Voltage
Reference
Maximum
Clamp
Σ
VSENSE
Shutdown
165°C
PWM
Comparator
gm
0.8V
9A/V
Current
Sense
PWM
Latch
2.1V
GND
LX
BOOT
VIN
VSENSE
ROSC
COMP
Discharge
Logic
SS
Shutdown
2µA
TPS5403
SS
ROSC
BOOT
VIN
COMP
LX
3
4
1
2
Cin
Cboot
GND
VSENSE
6
5
8
7
Vout
Cout
Lo
Cc
Rc
Rosc
D
Vin
Css
TPS5403
SLVSBK5 – SEPTEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
TYPICAL APPLICATION
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS5403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com