Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5403 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5403
Description  4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5403 Datasheet(HTML) 3 Page - Texas Instruments

  TPS5403 Datasheet HTML 1Page - Texas Instruments TPS5403 Datasheet HTML 2Page - Texas Instruments TPS5403 Datasheet HTML 3Page - Texas Instruments TPS5403 Datasheet HTML 4Page - Texas Instruments TPS5403 Datasheet HTML 5Page - Texas Instruments TPS5403 Datasheet HTML 6Page - Texas Instruments TPS5403 Datasheet HTML 7Page - Texas Instruments TPS5403 Datasheet HTML 8Page - Texas Instruments TPS5403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BOOT
1
2
3
4
5
6
7
8
VIN
ROSC
GND
COMP
VSENSE
SS
LX
D PACKAGE
(TOP VIEW)
GROUND
VOUT
VIN
BOOT
1
2
3
4
5
6
7
8
VIN
SS
GND
COMP
VSENSE
ROSC
LX
TPS5403
www.ti.com
SLVSBK5 – SEPTEMBER 2012
PCB LAYOUT
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
8-pin SOIC (D)
TPS5403DR
TPS5403
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
PIN OUT
TERMINAL FUNCTIONS
NAME
NO.
DESCRIPTION
BOOT
1
A 0.1-µF bootstrap capacitor is required between BOOT and LX.
VIN
2
Input supply voltage, 4.5 V to 28 V
Switching frequency program pin. Connect a resistor to this pin to set the switching frequency. Connect the
ROSC
3
pin to ground for a default 70-kHz switching frequency. Leave the pin open for 120-kHz switching
frequency.
SS
4
Soft start pin. An external capacitor connected to this pin sets the output rise time.
VSENSE
5
Output voltage feedback pin
Error amplifier output and input to the PWM comparator. Connect frequency compensation components to
COMP
6
this pin.
GND
7
Ground
LX
8
Switching node to external inductor
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS5403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com