Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5403 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5403
Description  4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5403 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS5403 Datasheet HTML 2Page - Texas Instruments TPS5403 Datasheet HTML 3Page - Texas Instruments TPS5403 Datasheet HTML 4Page - Texas Instruments TPS5403 Datasheet HTML 5Page - Texas Instruments TPS5403 Datasheet HTML 6Page - Texas Instruments TPS5403 Datasheet HTML 7Page - Texas Instruments TPS5403 Datasheet HTML 8Page - Texas Instruments TPS5403 Datasheet HTML 9Page - Texas Instruments TPS5403 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Vin
Vout
LX
IL
Vin
Vout
LX
IL
3.25
3.27
3.29
3.31
3.33
3.35
3.37
3.39
0
0.5
1
1.5
2
2.5
Iout (A)
Vin=5V
Vin=12V
Vin=28V
3.25
3.27
3.29
3.31
3.33
3.35
3.37
3.39
0
5
10
15
20
25
30
Vin (V)
Io=0.1A
Io=2.0A
76.00%
78.00%
80.00%
82.00%
84.00%
86.00%
88.00%
90.00%
0
0.5
1
1.5
2
2.5
Iout (A)
77.00%
78.00%
79.00%
80.00%
81.00%
82.00%
83.00%
84.00%
85.00%
86.00%
87.00%
0
0.01
0.02
0.03
0.04
0.05
0.06
Iout (A)
TPS5403
SLVSBK5 – SEPTEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
TA = 25°C, VIN = 12 V, fSW = 120 kHz (unless otherwise noted)
Figure 1. Efficiency
Figure 2. Efficiency
VIN = 12 V, VOUT = 3.3 V
VIN = 12 V, VOUT = 3.3 V
Figure 3. Load Regulation
Figure 4. Line Regulation
VIN = 12 V, VOUT = 3.3 V
VOUT = 3.3 V
Figure 5. Startup
Figure 6. Steady State
2-A Preset Loading
IO = 2 A
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS5403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com