Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5403 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5403
Description  4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5403 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5403 Datasheet HTML 7Page - Texas Instruments TPS5403 Datasheet HTML 8Page - Texas Instruments TPS5403 Datasheet HTML 9Page - Texas Instruments TPS5403 Datasheet HTML 10Page - Texas Instruments TPS5403 Datasheet HTML 11Page - Texas Instruments TPS5403 Datasheet HTML 12Page - Texas Instruments TPS5403 Datasheet HTML 13Page - Texas Instruments TPS5403 Datasheet HTML 14Page - Texas Instruments TPS5403 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
OUT max
IN
IN
SW
I
0.25
V
C
f
×
D
=
×
(
)
INmin
OUT
OUT
INRMS
OUT
INmin
INmin
V
V
V
I
I
V
V
-
=
×
×
OUT
L
1
1
Co
V
8 fsw
ESR
i
>
×
D
×
-
D
2
OUT
OUT
OUT
I
L
Co
2 V
V
D
×
>
×
× D
L
O
Lpeak
i
I
I
2
+
D
=
2
OUT
INmax
OUT
2
INmax
LRMS
O
V
(V
V
)
(
)
V
L fsw
i
I
12
×
-
× ×
=
+
IN
OUT
OUT
L
O
IN
V
V
V
i
I
V
fsw
-
D =
×
×
IN
OUT
OUT
O
IN
V
V
V
L
I
LIR
V
fsw
-
=
×
×
×
TPS5403
www.ti.com
SLVSBK5 – SEPTEMBER 2012
(3)
(4)
(5)
(6)
For this design example, use LIR = 0.3 and the inductor is calculated to be 13.3 µH with VIN = 12 V, VOUT = 3.3 V
and fSW = 300 kHz. Choose 13 µH value for the standard inductor and the peak to peak inductor ripple is about
34% of 2-A DC load current.
Output Capacitor Selection
There are two primary considerations for selecting the value of the output capacitor. The output capacitors are
selected to meet load transient and output ripple’s requirements.
Equation 7 gives the minimum output capacitance to meet the transient specification. For this example,
L = 13 µH,
ΔIOUT = 2 A – 0.0 A = 2 A and ΔVOUT = 330 mV (10% of regulated 3.3V). Using these numbers gives
a minimum capacitance of 24 µF. A standard 33-µF ceramic is chosen in the design.
(7)
The selection of CO is driven by the effective series resistance (ESR). Equation 8 calculates the minimum output
capacitance needed to meet the output voltage ripple specification. Where fSW is the switching frequency, ΔVOUT
is the maximum allowable output voltage ripple, and
ΔiL is the inductor ripple current. In this case, the maximum
output voltage ripple is 33 mV (1% of regulated 3.3 V). From Equation 4, the output current ripple is 0.6 A. From
Equation 8, the minimum output capacitance meeting the output voltage ripple requirement is 8.3 µF with 3-m
Ω
ESR resistance.
(8)
After considering both requirements, for this example, one 22-µF, 6.3-V X7R ceramic capacitor with 3-m
Ω ESR
should be used.
Input Capacitor Selection
A minimum 10-µF X7R/X5R ceramic input capacitor is recommended to be added between VIN and GND. These
capacitors should be connected as close as physically possible to the input pins of the converters as they handle
the RMS ripple current shown in Equation 9. For this example, IOUT = 2 A, VOUT = 3.3 V, minimum VINmin = 9.6 V,
from Equation 9, the input capacitors must support a ripple current of 1.15-A RMS.
(9)
The input capacitance value determines the input ripple voltage of the regulator. The input voltage ripple can be
calculated using Equation 10. Using the design example values, IOUTmax = 2 A, CIN = 10 µF, fSW = 300 kHz, yields
an input voltage ripple of 167 mV.
(10)
To prevent large voltage transients, a low ESR capacitor sized for the maximum RMS current must be used.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS5403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com