Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5403 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5403
Description  4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5403 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS5403 Datasheet HTML 4Page - Texas Instruments TPS5403 Datasheet HTML 5Page - Texas Instruments TPS5403 Datasheet HTML 6Page - Texas Instruments TPS5403 Datasheet HTML 7Page - Texas Instruments TPS5403 Datasheet HTML 8Page - Texas Instruments TPS5403 Datasheet HTML 9Page - Texas Instruments TPS5403 Datasheet HTML 10Page - Texas Instruments TPS5403 Datasheet HTML 11Page - Texas Instruments TPS5403 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1.167
OSC
SW
R
(k
)
21.82 f
-
W =
×
TPS5403
SLVSBK5 – SEPTEMBER 2012
www.ti.com
OVERVIEW
The TPS5403 is a 28-V, 1.7-A, step-down (buck) converter with an integrated high-side N-channel MOSFET. To
improve performance during line and load transients, the device implements a constant frequency, current mode
control which reduces output capacitance and simplifies external frequency compensation design.
The TPS5403’s switching frequency is adjustable with an external resistor or fixed by connecting the frequency
program pin to GND or leaving it unconnected.
The TPS5403 starts switching at VIN equal to 3.5 V. The operating current is 100 μA typically when not switching
and under no load. When the device is disabled, the supply current is 1
μA typically.
The integrated 120-m
Ω high-side MOSFET allows for high efficiency power supply designs with continuous
output currents up to 1.7 A.
The TPS5403 reduces the external component count by integrating the boot recharge diode. The bias voltage for
the integrated high-side MOSFET is supplied by an external capacitor on the BOOT to PH pins. The boot
capacitor voltage is monitored by an UVLO circuit and will turn the high-side MOSFET off when the voltage falls
below a preset threshold of 2.1 V typically.
By adding an external capacitor, the slow start time of the TPS5403 can be adjustable which enables flexible
output filter selection. To improve the efficiency at light load conditions, the TPS5403 enters a special pulse
skipping mode when the peak inductor current drops below 300 mA typically. The frequency foldback reduces
the switching frequency during startup and over current conditions to help control the inductor current. The
thermal shut down gives the additional protection under fault conditions.
DETAILED DESCRIPTION
Adjustable Frequency PWM Control
The TPS5403 uses an external resistor to adjust the switching frequency. Connecting the ROSC pin to ground
fixes the switching frequency at 70 kHz, leaving it open gives 120-kHz switching frequency.
Figure 11. ROSC vs Switching Frequency
(1)
For operation at 300 kHz, an 85.5-k
Ω resistor is required.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS5403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com