Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CJ Datasheet(PDF) 5 Page - Analog Devices

Part # REF01CJ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01CJ Datasheet(HTML) 5 Page - Analog Devices

  REF01CJ Datasheet HTML 1Page - Analog Devices REF01CJ Datasheet HTML 2Page - Analog Devices REF01CJ Datasheet HTML 3Page - Analog Devices REF01CJ Datasheet HTML 4Page - Analog Devices REF01CJ Datasheet HTML 5Page - Analog Devices REF01CJ Datasheet HTML 6Page - Analog Devices REF01CJ Datasheet HTML 7Page - Analog Devices REF01CJ Datasheet HTML 8Page - Analog Devices REF01CJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. C
–5–
REF01
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the REF01 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 V
Output Short Circuit Duration
(to Ground or VIN) . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
J, RC, and Z Packages . . . . . . . . . . . . . . . –65
°C to +150°C
P Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
REF01A . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
REF01CJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
REF01CP, REF01CS, REF01E,
REF01H . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature (Soldering @ 60 sec) . . . . . . . . . . . . 300
°C
*Absolute maximum ratings apply to both DICE and packaged parts, unless other-
wise noted.
Package Type
JA*
JC
Unit
TO-99 (J)
170
24
°C/W
8-Pin Hermetic DIP (Z)
162
26
°C/W
8-Pin Plastic DIP (P)
110
50
°C/W
8-Pin SO (S)
160
44
°C/W
* JA is specified for worst-case mounting conditions, i.e.,
JA is
specified for device in socket for TO, CERDIP, and P-DIP pack-
ages; JA is specified for device soldered to printed circuit board for
SO package.
ORDERING GUIDE
1
TA = 25 C
Package Description
Operating
VOS Max
CERDIPS
PDIP
SOIC
Temperature
(mV)
TO-99
8-Lead
8-Lead
8-Lead
Range
±30
REF01AZ
2
MIL
±30
REF01EJ
REF01EZ
XIND
±50
REF01HZ
REF01HP
REF01HS3
XIND
±100
REF01CJ
COM
±100
REF01CP
REF01CS
3
XIND
±100
XIND
NOTES
1Burn-in is available on commercial and industrial temperature range parts in Cerdip, plastic DIP, and TO-can packages.
2For devices processed in total compliance to MIL-STD-883, add 883 after part number. Consult factory for 883 data sheet.
3For availability and burn-in information on SO package, contact your local sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com