Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CJ Datasheet(PDF) 7 Page - Analog Devices

Part # REF01CJ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01CJ Datasheet(HTML) 7 Page - Analog Devices

Back Button REF01CJ Datasheet HTML 3Page - Analog Devices REF01CJ Datasheet HTML 4Page - Analog Devices REF01CJ Datasheet HTML 5Page - Analog Devices REF01CJ Datasheet HTML 6Page - Analog Devices REF01CJ Datasheet HTML 7Page - Analog Devices REF01CJ Datasheet HTML 8Page - Analog Devices REF01CJ Datasheet HTML 9Page - Analog Devices REF01CJ Datasheet HTML 10Page - Analog Devices REF01CJ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. C
REF01
–7–
REF01
DAC08
OP02
0.1 F
+15V
4
6
5
10k
5.0k
5.0k
5.0k
+15V
–15V
–15V
+15V
EO
LSB
MSB
2
B1 B2 B3 B4 B5 B6 B7 B8
V+
V–
CC VLC
lO
2
4
lO
B1 B2 B3 B4 B5 B6 B7 B8
E
POS. FULL SCALE –1LSB
1
1
1
1
1
1
1
1
+4.960
ZERO SCALE
1
0
0
0
0
0
0
0
0.000
NEG. FULL SCALE +1LSB
0
0
0
0
0
0
0
1
–4.960
NEG. FULL SCALE
0
0
0
0
0
0
0
0
–5.000
VIN V
O
GND
Figure 4. D/A Converter Reference
VIN
GND
REF01
VO
TRIM
+
10.000V
100k
1.1mA
2
6
5
4
9V
9V
0.1 F
Figure 5. Precision Calibration Standard
VIN
GND
TRIM
VO
REF01
15V
2
6
5
4
R
VOLTAGE COMPLIANCE: –25V TO +3V
IOUT
IOUT =
+ 1mA
10V
R
Figure 6. Current Source
2
+15V
4
DAC08
ANALOG
INPUT
0 TO +10V
lO
lO
+15V
3.9M
5.000k
REF01
5k
5k
1k
–15V +15V
–15V
SERIAL
OUTPUT
START
0.1 F
0.01 F
B1
B2
B3
B4
B5
B6
B7
B8
AM2592
SUCCESSIVE-
APPROXIMATION
REGISTER
5
6
14
15
56 7 8 9 10 1112 1
3
4
5
6
11
12
13
14
CONVERSION
COMPLETE
TTL CLOCK
INPUT 2.25MHz
CONNECT START TO
CONVERSION COMPLETE
FOR CONTINUOUS
CONVERSIONS
1
10
2
9
7
2
4
3
2
1
4
7
8
16
CC
GND
VIN
VO
313
CMP01C
TRIM
Figure 7. A/D Converter Reference
VIN
GND
REF01
VO
TRIM
0.1 F
5k
OP02
10k
0.1%
10k
0.1%
+15V
–15V
+15V
+10V
–10V
4
5
6
2
Figure 8.
±10 V Reference
VIN
GND
TRIM
VO
REF01
IOUT
2
6
5
4
R
VOLTAGE COMPLIANCE: –3V TO +25V
IOUT =
+ 1mA
10V
R
–15V
Figure 9. Current Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com