Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CJ Datasheet(PDF) 6 Page - Analog Devices

Part # REF01CJ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01CJ Datasheet(HTML) 6 Page - Analog Devices

Back Button REF01CJ Datasheet HTML 2Page - Analog Devices REF01CJ Datasheet HTML 3Page - Analog Devices REF01CJ Datasheet HTML 4Page - Analog Devices REF01CJ Datasheet HTML 5Page - Analog Devices REF01CJ Datasheet HTML 6Page - Analog Devices REF01CJ Datasheet HTML 7Page - Analog Devices REF01CJ Datasheet HTML 8Page - Analog Devices REF01CJ Datasheet HTML 9Page - Analog Devices REF01CJ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
REF01
–6–
–Typical Performance Characteristics
VIN = 15V
TA = 25 C
76
66
56
46
36
26
16
0
0.0031
0.0100
0.0310
0.1000
0.3100
1.0000
3.1000
10.000
10
100
1k
10k
100k
1M
FREQUENCY – Hz
TPC 1. Line Regulation vs. Frequency
INPUT VOLTAGE – V
SHORT CIRCUIT PROTECTION
500mW MAXIMUM
DISSIPATION
TA = 25 C
35
30
25
20
15
10
5
0
30
25
20
15
10
TPC 4. Maximum Load Current vs.
Input Voltage
TEMPERATURE – C
30
15
0
25
20
10
5
–60 –40 –20
140
020
40
6080 100 120
VIN = 15V
TPC 7. Maximum Load Current vs.
Temperature
FREQUENCY – Hz
VIN = 15V
TA = 25 C
10,000
1,000
100
10
10
100
1k
10k
100k
1M
TPC 2. Output Wideband Noise vs.
Bandwidth (0.1 Hz to Frequency Indicated)
TEMPERATURE – C
VIN = 15V
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–60 –40 –20
0
20
40
60
80 100 120 140
TPC 5. Normalized Load Regulation
( IL = 10 mA) vs. Temperature
TEMPERATURE – C
1.3
1.0
0.7
1.2
1.1
0.9
0.8
–60 –40 –20
140
020
40
60
80 100 120
VIN = 15V
TPC 8. Quiescent Current vs.
Temperature
TIME – s
–10
0
10
20
3040
50
60
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
VIN = 15V
DEVICE IMMERSED
IN 75 C OIL BATH
TA = 25 C,TA = 75 C
TPC 3. Output Change Due to Thermal
Shock
TEMPERATURE – C
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–60 –40 –20
0
20
40
60
80 100 120 140
TPC 6. Normalized Line Regulation
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com