Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CJ Datasheet(PDF) 4 Page - Analog Devices

Part # REF01CJ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01CJ Datasheet(HTML) 4 Page - Analog Devices

  REF01CJ Datasheet HTML 1Page - Analog Devices REF01CJ Datasheet HTML 2Page - Analog Devices REF01CJ Datasheet HTML 3Page - Analog Devices REF01CJ Datasheet HTML 4Page - Analog Devices REF01CJ Datasheet HTML 5Page - Analog Devices REF01CJ Datasheet HTML 6Page - Analog Devices REF01CJ Datasheet HTML 7Page - Analog Devices REF01CJ Datasheet HTML 8Page - Analog Devices REF01CJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. C
REF01
–4–
WAFER TEST LIMITS
REF01NT
REF01N
REF01GT
REF01G
Parameter
Symbol
Conditions
Limit
Limit
Limit
Limit
Unit
Output Voltage
VO
IL = 0
10.05
10.03
10.10
10.05
V max
9.95
9.97
9.90
9.95
V min
Output Adjustment
Range
VTRIM
RP = 10 k
Ω±3.0
±3.0
% min
Line Regulation
VIN = 13 V to 33 V
0.015
0.01
0.015
0.01
%/V max
*Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
(@ VIN = 15 V, TA = 25 C for REF01N and REF01G devices, TA = 125 C for REF01NT and REF01GT devices,
unless otherwise noted.)*
TYPICAL ELECTRICAL CHARACTERISTICS
REF01NT
REF01N
REF01GT
REF01G
Parameter
Symbol
Conditions
Typical
Typical
Typical
Typical
Unit
Load Regulation
IL = 0 mA to 10 mA
IL = 0 mA to 8 mA,
NT, GT @ 125
°C
0.007
0.005
0.009
0.006
%/mA
Output Voltage
Noise
en p-p
0.1 Hz to 10 Hz
20
20
20
20
µV p-p
Turn-On Settling
To
±0.1% of Final
Time
tON
Value NT, GT @
125
°C
7.5
5.0
7.5
5.0
µs
Quiescent Current
ISY
No Load, NT,
GT @ 125
°C
1.4
1.0
1.4
1.0
mA
Load Current
IL
21
21
21
21
mA
Sink Current
IS
–0.5
–0.5
–0.5
–0.5
mA
Short Circuit
Current
ISC
VO = 0
30
3030
30mA
Output Voltage
Temperature
Coefficient
TCVO
10
10
10
10
ppm/
°C
*For 25
°C specifications of REF01NT and REF01GT, see REF01N and REF01G, respectively.
(@ VIN = 15 V, TA = 25 C, unless otherwise noted.)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com