Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CJ Datasheet(PDF) 8 Page - Analog Devices

Part # REF01CJ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01CJ Datasheet(HTML) 8 Page - Analog Devices

Back Button REF01CJ Datasheet HTML 4Page - Analog Devices REF01CJ Datasheet HTML 5Page - Analog Devices REF01CJ Datasheet HTML 6Page - Analog Devices REF01CJ Datasheet HTML 7Page - Analog Devices REF01CJ Datasheet HTML 8Page - Analog Devices REF01CJ Datasheet HTML 9Page - Analog Devices REF01CJ Datasheet HTML 10Page - Analog Devices REF01CJ Datasheet HTML 11Page - Analog Devices REF01CJ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. C
REF01
–8–
PRECISION CURRENT SOURCE
A current source with 25 V output compliance and excellent
output impedance can be obtained using this circuit. REF01
keeps the line voltage and power dissipation constant in the
device; the only important error consideration at room temperature
is the negative supply rejection of the op amp. The typical 3
µV/
V PSRR of the OP02E will create an 8 ppm change (3 V/V
25 V/10 V) in output current over a 25 V range. For example, a
10 mA current source can be built (R = 1 k
Ω) with 300 MΩ
output impedance.
R
V
mA
O =
××
−
25
810
10
6
VIN
GND
REF01
VO
VIN
GND
REF01
VO
OP02E
R
(TRIM FOR
CALIBRATION)
C
C
R
2
2
2
6
6
7
3
4
6
4
4
+50V
–5V
VO = 0
TO +25V
IO =
+10V
R
RC = 10–5 SEC
Figure 10. Precision Current Source
SUPPLY BYPASSING
For best results, it is recommended that the power supply pin is
bypassed with a 0.1
µF disc ceramic capacitor.
REFERENCE STACK WITH EXCELLENT LINE
REGULATION
Three REF01s can be stacked to yield 10.000 V, 20.000 V, and
30.000 V outputs. An additional advantage is near-perfect line
regulation of the 10.0 V and 20.0 V output. A 32 V to 60 V
input change produces an output change that is less than the
noise voltage of the devices. A load bypass resistor (RB) provides
a path for the supply current (ISY) of the 20.000 V regulator.
In general, any number of REF01s can be stacked this way. For
example, 10 devices will yield outputs of 10, 20, 30 . . . 100 V.
The line voltage can change from 105 V to 130 V. However,
care must be taken to ensure that the total load currents do not
exceed the maximum usable current (typically 21 mA).
VIN
GND
REF01
VO
VIN
GND
REF01
VO
VIN
GND
REF01
VO
TRIM
TRIM
10k
10k
RB
6.8k
10k
2
6
5
4
2
6
5
4
2
6
5
4
TRIMMED
OUTPUTS
30.000V
20.000V
10.000V
32V TO 60V
TRIM
Figure 11. Reference Stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com