Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CJ Datasheet(PDF) 2 Page - Analog Devices

Part # REF01CJ
Description  10 V Precision Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01CJ Datasheet(HTML) 2 Page - Analog Devices

  REF01CJ Datasheet HTML 1Page - Analog Devices REF01CJ Datasheet HTML 2Page - Analog Devices REF01CJ Datasheet HTML 3Page - Analog Devices REF01CJ Datasheet HTML 4Page - Analog Devices REF01CJ Datasheet HTML 5Page - Analog Devices REF01CJ Datasheet HTML 6Page - Analog Devices REF01CJ Datasheet HTML 7Page - Analog Devices REF01CJ Datasheet HTML 8Page - Analog Devices REF01CJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. C
–2–
REF01–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
REF01A/E
REF01/H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage
VO
IL = 0 mA
9.97
10.00
10.03
9.95
10.00
10.05
V
Output Adjustment Range
VTRIM
RP = 10 k
Ω±3.0
±3.3
±3.0
±3.3
%
Output Voltage Noise
1
en p-p
0.1 Hz to 10 Hz
20
30
20
30
µV p-p
Line Regulation
2
VIN = 13 V to 33 V
0.006
0.010
0.006
0.010
%/V
Load Regulation
2
IL = 0 mA to 10 mA
0.005
0.008
0.006
0.010
%/mA
Turn-On Settling Time
3
tON
To
±0.1% of Final Value
5
5
µs
Quiescent Supply Current
ISY
No Load
1.0
1.4
1.0
1.4
mA
Load Current
IL
10
21
10
21
mA
Sink Current
4
IS
–0.3
–0.5
–0.3
–0.5
mA
Short Circuit Current
ISC
VO = 0
30
30
mA
ELECTRICAL SPECIFICATIONS
REF01A/E
REF01/H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage Change
VOT
0
°C
TA
70
°C0.02
0.06
0.07
0.17
%
with Temperature
5, 6
–55
°C T
A
+125
°C0.06
0.15
0.18
0.45
%
Output Voltage
TCVO
3.0
8.5
10.0
25.0
ppm/
°C
Temperature Coefficient
7
Change in VO Temperature
RP = 10 k
Ω
0.7
0.7
ppm/%
Coefficient with Output
Adjustment
Line Regulation
0
°C
TA
70
°C
0.007
0.012
0.007
0.012
(VIN = 13 V to 33 V)
2
–55
°C
TA
+125
°C
0.009
0.015
0.009
0.015
%/V
Load Regulation
0
°C T
A
70
°C
0.006
0.010
0.007
0.012
(IL = 0 mA to 8 mA)
2
–55
°C
TA
+125
°C
0.007
0.012
0.009
0.015
%/mA
ELECTRICAL SPECIFICATIONS
REF01C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
IL = 0 mA
9.90
10.00
10.10
V
Output Adjustment Range
VTRIM
RP = 10 kΩ± 2.7
±3.3
%
Output Voltage Noise
1
en p-p
0.1 Hz to 10 Hz
25
35
µV p-p
Line Regulation2
VIN = 13 V to 33 V
0.009
0.015
%/V
Load Regulation
2
IL = 0 mA to 8 mA
0.006
0.015
%/mA
Turn-On Settling Time3
tON
To
±0.1% of Final Value
5
µs
Quiescent Supply Current
ISY
No Load
1.0
1.6
mA
Load Current
IL
821
mA
Sink Current
4
IS
–0.3
–0.5
mA
Short Circuit Current
ISC
VO = 0
30
mA
(@ VIN = 15 V, TA = 25 C, unless otherwise noted.)
(@ VIN = 15 V, –55 C TA
+125 C for REF01A/E, and 0 C
TA
70 C for REF01H and
IL = 0 mA, unless otherwise noted.)
(@ VIN = 15 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com