Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2275 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2275
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2275 Datasheet HTML 2Page - Analog Devices SSM2275 Datasheet HTML 3Page - Analog Devices SSM2275 Datasheet HTML 4Page - Analog Devices SSM2275 Datasheet HTML 5Page - Analog Devices SSM2275 Datasheet HTML 6Page - Analog Devices SSM2275 Datasheet HTML 7Page - Analog Devices SSM2275 Datasheet HTML 8Page - Analog Devices SSM2275 Datasheet HTML 9Page - Analog Devices SSM2275 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SSM2275/SSM2475
REV. A
–6–
FREQUENCY – kHz
–100
–130
–160
022
2
4
6
8
10
1214
1618
20
–110
–120
–140
–150
VSY = +5V
AV = +1
RL = 100k
VIN = 0dBV
Figure 9. THD vs. Frequency (FFT)
11.0mV
0
0
200ns
20mV
Figure 10. Small Signal Response; RL = 600 Ω, CL = 0 pF,
VS = ±2.5 V, AV = +1, VIN = 100 mV p-p
22.5mV
0
0
200ns
20mV
Figure 11. Small Signal Response; RL = 600 Ω, CL = 100 pF,
VS = ±2.5 V, AV = +1, VIN = 100 mV p-p
SSM2275/SSM2475–Typical Characteristics
REV. A
–6–
LOAD CURRENT – mA
1.0
0.8
0
520
10
15
0.6
0.4
0.2
0.9
0.7
0.5
0.3
0.1
VOUT – (V+)
VOUT – (V–)
Figure 12. Headroom (VOH and VOL-to-Rails), TA = +25°C
29.5mV
0
200ns
20mV
0
Figure 13. Small Signal Response; RL = 600 Ω, CL = 200 pF,
VS = ±2.5 V, AV = +1, VIN = 100 mV p-p
35.5mV
0
0
200ns
20mV
Figure 14. Small Signal Response; RL = 600 Ω, CL = 300 pF,
VS = ±2.5 V, AV = +1, VIN = 100 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com