Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2275 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2275
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2275 Datasheet HTML 7Page - Analog Devices SSM2275 Datasheet HTML 8Page - Analog Devices SSM2275 Datasheet HTML 9Page - Analog Devices SSM2275 Datasheet HTML 10Page - Analog Devices SSM2275 Datasheet HTML 11Page - Analog Devices SSM2275 Datasheet HTML 12Page - Analog Devices SSM2275 Datasheet HTML 13Page - Analog Devices SSM2275 Datasheet HTML 14Page - Analog Devices SSM2275 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SSM2275/SSM2475
REV. A
–11–
FREQUENCY – kHz
–100
–130
–160
022
10
20
–110
–120
–140
–150
VSY = 5V
AV = 1
RL = 100k
VIN = 0dBV
FREQUENCY – kHz
–100
–130
–160
022
10
20
–110
–120
–140
–150
VSY = 5V
AV = –1
RL = 100k
VIN = 0dBV
Figure 31. Spectral Graph of Amplifier Outputs
Settling Time
The high slew rate and wide gain-bandwidth product of the
SSM2275 and SSM2475 amplifiers result in fast settling times
(tS < 1
µs) that are suitable for 16- and 20-bit applications. The
test circuit used to measure the settling time of the SSM2275/
SSM2475 is shown in Figure 32. This test method has advan-
tages over false-sum node techniques of measuring settling times
in that the actual output of the amplifier is measured, instead of
an error voltage at the sum node. Common-mode settling ef-
fects are also taken into account in this circuit in addition to
slew rate and bandwidth factors.
The output waveform of the device under test is clamped by
Schottky diodes and buffered by the JFET source follower. The
signal is amplified by a factor of ten by the OP260 current feed-
back amplifier and then Schottky-clamped at the output to the
oscilloscope. The 2N2222 transistor sets up the bias current for
the JFET and the OP41 is configured as a fast integrator, pro-
viding overall dc offset nulling at the output.
SETTLING TIME – ns
10
6
–10
400
600
800
1000
1200
2
–2
–6
8
4
0
–4
–8
–0.01%
0.1%
0.01%
Figure 33. Settling Time vs. Step Size
Overdrive Recovery
The overdrive, or overload, recovery time of an amplifier is the time
required for the output voltage to return to a rated output voltage
from a saturated condition. This recovery time can be important in
applications where the amplifier must recover quickly after a large
transient event, or overload. The circuit in Figure 34 was used to
evaluate the recovery time for the SSM2275/SSM2475. Also shown
are the input and output voltages. It takes approximately 0.5
µs for
the device to recover from output overload.
R1
1k
RS
909
RF
10k
+5V
–5V
RL
10k
VOUT
VIN
2V p-p
10kHz
Figure 34. Overload Recovery Time Test Circuit
9V–15V
0.1 F
V+
5V
RL
1k
D1
D2
+15V
2N4416
1k
D3
D4
OUTPUT
(TO SCOPE)
1 F
10k
IC2
RF
2k
750
2N2222A
15k
–15V
1N4148
DUT
1/2 OP260AJ
9V–15V
0.1 F
10k
–+
+
–
SCHOTTKY DIODES D1–D4 ARE
HEWLETT-PACKARD HP5082-2835
IC1 IS 1/2 OP260AJ
IC2 IS PMI OP41EJ
V–
RG
222
Figure 32. Settling Time Test Fixture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com