Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2275 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2275
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275 Datasheet(HTML) 2 Page - Analog Devices

  SSM2275 Datasheet HTML 1Page - Analog Devices SSM2275 Datasheet HTML 2Page - Analog Devices SSM2275 Datasheet HTML 3Page - Analog Devices SSM2275 Datasheet HTML 4Page - Analog Devices SSM2275 Datasheet HTML 5Page - Analog Devices SSM2275 Datasheet HTML 6Page - Analog Devices SSM2275 Datasheet HTML 7Page - Analog Devices SSM2275 Datasheet HTML 8Page - Analog Devices SSM2275 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
SSM2275/SSM2475–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
14
mV
–40
°C ≤ T
A
≤ +85°C1
6
mV
Input Bias Current
IB
250
400
nA
–40
°C ≤ T
A
≤ +85°C
300
500
nA
Input Offset Current
IOS
575
nA
–40
°C ≤ T
A
≤ +85°C
15
125
nA
Input Voltage Range
VIN
VS =
±15 V
–14
+14
V
Common-Mode Rejection Ratio
CMRR
–12.5 V
≤ V
CM
≤ +12.5 V
80
100
dB
–40
°C ≤ T
A
≤ +85°C,
–12.5 V
≤ V
CM
≤ +12.5 V
80
100
V/mV
AVO
RL = 2 k
Ω, –12 V ≤ V
O
≤ +12 V
100
240
V/mV
–40
°C ≤ T
A
≤ +85°C
80
120
V/mV
OUTPUT CHARACTERISTICS
Output Voltage, High
VOH
IL ≤ 20 mA
14
14.5
V
–40
°C ≤ T
A ≤ +85°C
14.5
14.7
V
Output Voltage, Low
VOL
IL = 20 mA
–14
–13.5
V
IL = 10 mA
–14.6 –14.4
V
IL = 10 mA, –40°C ≤ TA ≤ +85°C
–14.3 –13.9
V
Output Short Circuit Current Limit
ISC
±25
±50
±75
mA
–40
°C ≤ T
A ≤ +85°C
±17
±40
±80
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±2.5 V ≤ V
S
≤ ±18 V
85
110
dB
–40
°C ≤ T
A
≤ +85°C
80
105
dB
Supply Current/Amplifier
ISY
VO = 0 V
1.7
2.9
mA
–40
°C ≤ T
A
≤ +85°C
1.75
3.0
mA
DYNAMIC PERFORMANCE
Total Harmonic Distortion
THD
RL = 10 k
Ω, f = 1 kHz, V
O = 1 V rms
0.0006
%
Slew Rate
SR
RL = 2 k
Ω 50 pF
9
12
V/
µs
Gain Bandwidth Product
GBW
8
MHz
Channel Separation
CS
RL = 2 k
Ω, f =1 kHz
128
dB
NOISE PERFORMANCE
Voltage Noise Spectral Density
en
f > 1 kHz
8
nV/
√Hz
Current Noise Spectral Density
in
f > 1 kHz
< 1
pA/
√Hz
Specifications subject to change without notice.
(VS =
15 V, TA =
25 C, VCM = 0 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com