Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2275 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2275
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2275 Datasheet HTML 5Page - Analog Devices SSM2275 Datasheet HTML 6Page - Analog Devices SSM2275 Datasheet HTML 7Page - Analog Devices SSM2275 Datasheet HTML 8Page - Analog Devices SSM2275 Datasheet HTML 9Page - Analog Devices SSM2275 Datasheet HTML 10Page - Analog Devices SSM2275 Datasheet HTML 11Page - Analog Devices SSM2275 Datasheet HTML 12Page - Analog Devices SSM2275 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SSM2275/SSM2475
REV. A
–9–
±7 V, then the input current should be limited to less than
±5 mA. This can be easily done by placing a resistor in series
with both inputs. The minimum value of the resistor can be
determined by:
R
V
IN
DIFF MAX
=
−
,
.
7
001
(1)
There are also ESD protection diodes that are connected from
each input to each power supply rail. These diodes are normally
reversed biased, but will turn on if either input voltage exceeds
either supply rail by more than 0.6 V. Again, should this condi-
tion occur the input current should be limited to less than
±5 mA. The minimum resistor value should then be:
R
V
mA
IN
IN MAX
=
,
5
(2)
In practice, RIN should be placed in series with both inputs to
reduce offset voltages caused by input bias current. This is
shown in Figure 28.
RIN
RIN
V+
V–
Figure 28. Using Resistors for Input Overcurrent Protection
Output Voltage Phase Reversal
The SSM2275/SSM2475 was designed to have a wide common-
mode range and is immune to output voltage phase reversal with
an input voltage within the supply voltages of the device. How-
ever, if either of the device’s inputs exceeds 0.6 V above the posi-
tive voltage supply, the output could exhibit phase reversal.
This is due to the input transistor’s B–C junction becoming for-
ward biased, causing the polarity of the input terminals of the
device to switch.
THEORY OF OPERATION
The SSM2275 and SSM2475 are low noise and low distortion
rail-to-rail output amplifiers that are excellent for audio applica-
tions. Based on the OP275 audiophile amplifier, the SSM2275/
SSM2475 offers many similar performance characteristics with
the advantage of a rail-to-rail output from a single supply
source. Its low input voltage noise figure of 7 nV/
√Hz allows the
device to be used in applications requiring high gain, such as
microphone preamplifiers. Its 11 V/
µs slew rate also allows the
SSM2275/SSM2475 to produce wide output voltage swings
while maintaining low distortion. In addition, its low harmonic
distortion figure of 0.0006% makes the SSM2275 and
SSM2475 ideal for high quality audio applications.
Figure 27 shows the simplified schematic for a single amplifier.
The amplifier contains a Butler Amplifier at the input. This
front-end design uses both bipolar and MOSFET transistors in
the differential input stage. The bipolar devices, Q1 and Q2,
improve the offset voltage and achieve the low noise perfor-
mance, while the MOS devices, M1 and M2, are used to obtain
higher slew rates. The bipolar differential pair is biased with a
proportional-to-absolute-temperature (PTAT) bias source, IB1,
while the MOS differential pair is biased with a non-PTAT
source, IB2. This results in the amplifier having a constant gain-
bandwidth product and a constant slew rate over temperature.
The amplifier also contains a rail-to-rail output stage that can
sink or source up to 50 mA of current. As with any rail-to-rail
output amplifier the gain of the output stage, and consequently
the open loop gain of the amplifier, is proportional to the load
resistance. With a load resistance of 50 k
Ω, the dc gain of the
amplifier is over 110 dB. At load currents less than 1 mA, the
output of the amplifier can swing to within 30 mV of either sup-
ply rail. As load current increases, the maximum voltage swing
of the output will decrease. This is due to the collector to emit-
ter saturation voltage of the output transistors increasing with an
increasing collector current.
Input Overvoltage Protection
The maximum input differential voltage that can be applied to
the SSM2275/SSM2475 is
±7 V. A pair of internal back-to-back
Zener diodes are connected across the input terminals. This
prevents emitter-base junction breakdown from occurring to the
input transistors, Q1 and Q2, when very large differential volt-
ages are applied. If the device’s differential voltage could exceed
Q2
IN+
IB2
IN–
Q1
M2
M1
IB1
CFI
OUT
VCC
VEE
Figure 27. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com