Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2275 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2275
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275 Datasheet(HTML) 1 Page - Analog Devices

  SSM2275 Datasheet HTML 1Page - Analog Devices SSM2275 Datasheet HTML 2Page - Analog Devices SSM2275 Datasheet HTML 3Page - Analog Devices SSM2275 Datasheet HTML 4Page - Analog Devices SSM2275 Datasheet HTML 5Page - Analog Devices SSM2275 Datasheet HTML 6Page - Analog Devices SSM2275 Datasheet HTML 7Page - Analog Devices SSM2275 Datasheet HTML 8Page - Analog Devices SSM2275 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8-Lead Narrow Body SOIC
14-Lead Narrow Body SOIC
(SO-8)
(R-14)
8-Lead microSOIC
14-Lead TSSOP
(RM-8)
(RU-14)
8-Lead Plastic DIP
(N-8)
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Rail-to-Rail Output
Audio Amplifiers
SSM2275/SSM2475*
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
GENERAL DESCRIPTION
The SSM2275 and SSM2475 use the Butler Amplifier front
end, which combines both bipolar and FET transistors to offer
the accuracy and low noise performance of bipolar transistors
and the slew rates and sound quality of FETs. This product
family includes dual and quad rail-to-rail output audio amplifi-
ers that achieve lower production costs than the industry stan-
dard OP275 (the first Butler Amplifier offered by Analog
Devices). This lower cost amplifier also offers operation from a
single 5 V supply, in addition to conventional
±15 V supplies.
The ac performance meets the needs of the most demanding au-
dio applications, with 8 MHz bandwidth, 12 V/
µs slew rate and
extremely low distortion.
The SSM2275 and SSM2475 are ideal for application in high
performance audio amplifiers, recording equipment, synthesiz-
ers, MIDI instruments and computer sound cards. Where cas-
caded stages demand low noise and predictable performance,
SSM2275 and SSM2475 are a cost effective solution. Both are
stable even when driving capacitive loads.
The ability to swing rail-to-rail at the outputs (see Applications sec-
tion) and operate from low supply voltages enables designers to at-
tain high quality audio performance, even in single supply systems.
The SSM2275 and SSM2475 are specified over the extended
industrial (–40
°C to +85°C) temperature range. The SSM2275 is
available in 8-lead plastic DIPs, SOICs, and microSOIC surface-
mount packages. The SSM2475 is available in narrow body
SOICs and thin shrink small outline (TSSOP) surface-mount
packages.
*Protected by U.S. Patent No. 5,101,126.
FEATURES
Single or Dual-Supply Operation
Excellent Sonic Characteristics
Low Noise: 7 nV/
Hz
Low THD: 0.0006%
Rail-to-Rail Output
High Output Current:
50 mA
Low Supply Current: 1.7 mA/Amplifier
Wide Bandwidth: 8 MHz
High Slew Rate: 12 V/ s
No Phase Reversal
Unity Gain Stable
Stable Parameters Over Temperature
APPLICATIONS
Multimedia Audio
Professional Audio Systems
High Performance Consumer Audio
Microphone Preamplifier
MIDI Instruments
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
(Not to Scale)
OUT A
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
SSM2275
OUT A
–IN A
+IN A
V+
–IN D
+IN D
V–
OUT D
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+IN B
–IN B
OUT B
–IN C
OUT C
+IN C
SSM2475
(Not to Scale)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
1
4
5
8
SSM2275
OUT A
OUT A
–IN A
+IN A
V+
–IN D
+IN D
V–
OUT D
114
+IN B
–IN B
OUT B
–IN C
OUT C
+IN C
78
SSM2475
1
2
3
4
8
7
6
5
(Not to
Scale)
SSM2275
OUT A
–IN A
+IN A
V–
+IN B
–IN B
OUT B
V+


Similar Part No. - SSM2275

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2275 AD-SSM2275_15 Datasheet
181Kb / 16P
Rail-to-Rail Output Audio Amplifiers
REV. 0
More results

Similar Description - SSM2275

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
Rail-to-Rail Output Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
Rail-to-Rail Output Amplifiers
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
SSM2275 AD-SSM2275_15 Datasheet
181Kb / 16P
Rail-to-Rail Output Audio Amplifiers
REV. 0
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com