Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2275 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2275
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2275 Datasheet HTML 8Page - Analog Devices SSM2275 Datasheet HTML 9Page - Analog Devices SSM2275 Datasheet HTML 10Page - Analog Devices SSM2275 Datasheet HTML 11Page - Analog Devices SSM2275 Datasheet HTML 12Page - Analog Devices SSM2275 Datasheet HTML 13Page - Analog Devices SSM2275 Datasheet HTML 14Page - Analog Devices SSM2275 Datasheet HTML 15Page - Analog Devices SSM2275 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SSM2275/SSM2475
REV. A
–12–
Capacitive Loading
The output of the SSM2275/SSM2475 can tolerate a degree of
capacitive loading. However, under certain conditions, a heavy
capacitive load could create excess phase shift at the output and
put the device into oscillation. The degree of capacitive loading
is dependent on the gain of the amplifier. At unity gain, the am-
plifier could become unstable at loads greater than 600 pF. At
gain greater than unity, the amplifier can handle a higher degree
of capacitive load without oscillating. Figure 35 shows how to
configure the device to prevent oscillations from occurring.
SSM2275
CL
RFB
CFB
RI
RB
50k
VIN
INVERTING GAIN AMPLIFIER
VOUT
SSM2275
CL
RFB
CFB
RI
RB
50k
VIN
NONINVERTING GAIN AMPLIFIER
VOUT
Figure 35. Configurations for Driving Heavy Capacitive
Loads
RB should be at least 50 k
Ω. To minimize offset voltage, the
parallel combination of RFB and RI should be equal to RB. Set-
ting a minimum CF of 15 pF bandlimits the amplifier enough to
eliminate any oscillation problems from any sized capacitive
load. The low-pass frequency is determined by:
f
RC
dB
FB
F
−
=
3
1
2
π
(6)
With RFB = 50 k
Ω and C
F = 15 pF, this results in an amplifier
with a 210 kHz bandwidth that can be used with any capacitive
load. If the amplifier is being used in a noninverting unity gain
configuration and RI is omitted, CFB should be at least 100 pF.
If the offset voltage can be tolerated at the output, RFB can be
replaced by a short and CFB can be removed entirely. With the
typical input bias current of 200 nA and RB = 50 k
Ω, the in-
crease in offset voltage would be 10 mV. This configuration will
stabilize the amplifier under all capacitive loads.
Single Supply Differential Line Driver
Figure 36 shows a single supply differential line driver circuit
that can drive a 600
Ω load with less than 0.001% distortion.
The design mimics the performance of a fully balanced trans-
former based solution. However, this design occupies much less
board space while maintaining low distortion and can operate
down to dc. Like the transformer based design, either output
can be shorted to ground for unbalanced line driver applications
without changing the circuit gain of 1.
R13 and R14 set up the common-mode output voltage equal to
half of the supply voltage. C1 is used to couple the input signal
and can be omitted if the input’s dc voltage is equal to half of
the supply voltage. The minimum input impedance of the cir-
cuit as seen from VIN is:
RR
R
R
R
R
IN =+
() +
()
15
3
7
11
||
||
(7)
For the values given in Figure 36, RIN = 5 k
Ω. With C1 omitted
the circuit will provide a balanced output down to dc, otherwise
the –3 dB corner for the input frequency is set by:
f
RC
dB
IN
L
−
=
3
1
2
π
(8)
The circuit can also be configured to provide additional gain if
desired. The gain of the circuit is:
AV
=
VOUT
V IN
=
2(R2)
R1
(9)
where VOUT = VO1 – VO2, R1 = R3 = R5 = R7 and,
R2 = R4 = R6 = R8
Figure 37 shows the THD+N versus frequency response of the
circuit while driving a 600
Ω load at 1 V rms.
SSM2475-A
+12V
R2
10k
R1
10k
C3
33pF
R9
50
R5
10k
SSM2475-B
+12V
R8
10k
R7
10k
C4
33pF
R10
50
R3
10k
SSM2475-C
+5V
R4
10k
C4
10 F
R12
10k
R11
10k
R13
100k
C1*
10 F
R14
100k
C2
10 F
+12V
VIN
V01
R6
10k
C3
10 F
V02
C1* IS OPTIONAL
Figure 36. A Low Noise, Single Supply Differential
Line Driver
FREQUENCY – Hz
0.1
0.01
0.0001
20
20k
100
1k
0.001
10k
VSY = 12V
RL = 600
Figure 37. THD+N vs. Frequency of Differential Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com