Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW06 Datasheet(PDF) 5 Page - Analog Devices

Part # SW06
Description  Quad SPST JFET Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SW06 Datasheet(HTML) 5 Page - Analog Devices

  SW06 Datasheet HTML 1Page - Analog Devices SW06 Datasheet HTML 2Page - Analog Devices SW06 Datasheet HTML 3Page - Analog Devices SW06 Datasheet HTML 4Page - Analog Devices SW06 Datasheet HTML 5Page - Analog Devices SW06 Datasheet HTML 6Page - Analog Devices SW06 Datasheet HTML 7Page - Analog Devices SW06 Datasheet HTML 8Page - Analog Devices SW06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SW06
REV. A
–5–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SW06BQ
–55
°C to +125°C
Cerdip
Q-16
SW06BRC
–55
°C to +125°C
LCC
E-20A
SW06FQ
–40
°C to +85°C
Cerdip
Q-16
SW06GP
–40
°C to +85°C
Plastic DIP
N-16
SW06GS
–40
°C to +85°C
SOL
R-16
TRUTH TABLE
Switch State
Disable
Logic
Channels
Channels
Input
Input
1 & 2
3 & 4
0
X
OFF
OFF
1 or NC
0
OFF
ON
1 or NC
1
ON
OFF
ABSOLUTE MAXIMUM RATINGS
1
Operating Temperature Range
SW06BQ, BRC . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
SW06FQ . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
SW06GP, GS . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . +150
°C
V+ Supply to V– Supply . . . . . . . . . . . . . . . . . . . . . . . +36 V
V+ Supply to Ground . . . . . . . . . . . . . . . . . . . . . . . . . +36 V
Logic Input Voltage . . . . . . . . . . .
(–4 V or V–) to V+ Supply
Analog Input Voltage Range
Continuous . . . . . . . . . . . . . V– Supply to V+ Supply +20 V
Maximum Current Through
Any Pin Including Switch . . . . . . . . . . . . . . . . . . . . . 30 mA
Package Type
JA
2
JC
Units
16-Pin Hermetic DIP (Q)
100
16
°C/W
16-Pin Plastic DIP (P)
82
39
°C/W
20-Contact LCC (RC)
98
38
°C/W
16-Pin SOL (S)
98
30
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for Cerdip, P-DIP, and LCC packages;
θ
JA is specified for device soldered
to printed circuit board for SO package.
DICE CHARACTERISTICS
Die Size 0.101
× 0.097 inch, 9797 sq. mils
(2.565
× 2.464 mm, 6320 sq. mm)
PIN CONNECTIONS
16-Pin DIP (Q or P-Suffix)
16-Pin SOL (S-Suffix)
SW06BRC/883
LCC Package
(RC-Suffix)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com