Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW06 Datasheet(PDF) 4 Page - Analog Devices

Part # SW06
Description  Quad SPST JFET Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SW06 Datasheet(HTML) 4 Page - Analog Devices

  SW06 Datasheet HTML 1Page - Analog Devices SW06 Datasheet HTML 2Page - Analog Devices SW06 Datasheet HTML 3Page - Analog Devices SW06 Datasheet HTML 4Page - Analog Devices SW06 Datasheet HTML 5Page - Analog Devices SW06 Datasheet HTML 6Page - Analog Devices SW06 Datasheet HTML 7Page - Analog Devices SW06 Datasheet HTML 8Page - Analog Devices SW06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SW06
REV. A
–4–
WAFER TEST LIMITS
SW06N
SW06G
Parameter
Symbol
Conditions
Limit
Limit
Units
“ON” RESISTANCE
RON
–10 V
≤ V
A ≤ 10 V, IS ≤ 1 mA
80
100
Ω max
RON MATCH BETWEEN SWITCHES
RON Match
VA = 0 V, IS
≤ 100 µA
15
20
% max
∆R
ON VS. VA
∆R
ON
–10 V
≤ V
A
≤ 10 V, I
S
≤ 1 mA
10
20
% max
POSITIVE SUPPLY CURRENT
I+
Note 1
6.0
9.0
mA max
NEGATIVE SUPPLY CURRENT
I–
Note 1
5.0
7.0
mA max
GROUND CURRENT
IG
Note 1
4.0
4.0
mA max
ANALOG VOLTAGE RANGE
VA
IS = 1 mA
±10.0
±10.0
V min
LOGIC “1” INPUT VOLTAGE
VINH
Note 2
2.0
2.0
V min
LOGIC “0” INPUT VOLTAGE
VINL
Note 2
0.8
0.8
V max
LOGIC “0” INPUT CURRENT
IINL
0 V
≤ V
IN
≤ 0.8 V
5.0
5.0
µA max
LOGIC “1” INPUT CURRENT
IINH
2.0 V
≤ V
IN
≤ 15 V3
55
µA max
ANALOG CURRENT RANGE
IA
VS = ± 10 mV
10
7
mA min
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
TYPICAL ELECTRICAL CHARACTERISTICS
SW06N
SW06G
Parameter
Symbol
Conditions
Typical
Typical
Units
“ON” RESISTANCE
RON
–10 V
≤ V
A
≤ 10 V, I
S
≤ 1 mA
60
60
Ω
TURN-ON TIME
tON
340
340
ns
TURN-OFF TIME
tOFF
200
200
ns
DRAIN CURRENT IN
“OFF” CONDITION
ID(OFF)
VS = 10 V, VD = –10 V
0.3
0.3
nA
“OFF” ISOLATION
ISO(OFF)
f = 500 kHz, RL = 680 Ω
58
58
dB
CROSSTALK
CT
f = 500 kHz, RL = 680
Ω
70
70
dB
NOTES
1Power supply and ground current specified for switch “ON” or “OFF.”
2Guaranteed by R
ON and leakage tests.
3Current tested at V
IN = 2.0 V. This is worst case condition.
(@ V+ = +15 V, V– = –15 V, TA = +25 C, unless otherwise noted)
(@ V+ = +15 V, V– = –15 V, TA = +25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com