Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW06 Datasheet(PDF) 3 Page - Analog Devices

Part # SW06
Description  Quad SPST JFET Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SW06 Datasheet(HTML) 3 Page - Analog Devices

  SW06 Datasheet HTML 1Page - Analog Devices SW06 Datasheet HTML 2Page - Analog Devices SW06 Datasheet HTML 3Page - Analog Devices SW06 Datasheet HTML 4Page - Analog Devices SW06 Datasheet HTML 5Page - Analog Devices SW06 Datasheet HTML 6Page - Analog Devices SW06 Datasheet HTML 7Page - Analog Devices SW06 Datasheet HTML 8Page - Analog Devices SW06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SW06
REV. A
–3–
ELECTRICAL CHARACTERISTICS
SW06B
SW06F
SW06G
Parameter
Symbol
Conditions
Min Typ Max
Min Typ Max
Min Typ Max
Units
TEMPERATURE RANGE
TA
Operating
–55
+125
–25
+85
0
70
°C
“ON” RESISTANCE
RON
VS = 0 V, IS = 1.0 mA
75
110
75
125
75
175
Ω
VS = ± 10 V, IS = 1.0 mA
80
110
80
125
80
175
∆R
ON MATCH BETWEEN SWITCHES
RON Match
VS = 0 V, IS = 100 µA
1
6
20
6
25
10
%
ANALOG VOLTAGE RANGE
VA
IS = 1.0 mA
2
+10 +11
+10 +11
+10
+11
V
IS = 1.0 mA
2
–10
–15
–10
–15
–10
–15
ANALOG CURRENT RANGE
IA
VS = ± 10 V
7
12
5
11
11
mA
∆R
ON WITH APPLIED VOLTAGE
∆R
ON
–10 V
≤ V
S ≤ 10 V, IS = 1.0 mA
10
12
15
%
SOURCE CURRENT IN
VS = 10 V, VD = –10 V
“OFF” CONDITION
IS(OFF)
TA = Max Operating Temp
3, 9
60
30
60
nA
DRAIN CURRENT IN
VS = 10 V, VD = –10 V
“OFF” CONDITION
ID(OFF)
TA = Max Operating Temp
3, 9
60
30
60
nA
LEAKAGE CURRENT IN
IS(ON)+
VS = VD = ± 10 V
100
30
60
nA
“ON” CONDITION
ID(ON)
TA = Max Operating Temp
3, 9
LOGICAL “1” INPUT CURRENT
IINH
VIN = 2.0 V to 15.0 V
5
10
10
15
µA
LOGICAL “0” INPUT CURRENT
IINL
VIN = 0.8 V
4
10
4
10
5
15
µA
TURN-ON TIME
tON
See Switching Time
440
900
500 900
1000
ns
Test Circuit
4, 8
TURN-OFF TIME
tOFF
See Switching Time
300
500
330 500
500
ns
Test Circuit
4, 8
BREAK-BEFORE-MAKE TIME
tON–tOFF
Note 7
70
70
50
ns
POSITIVE SUPPLY CURRENT
I+
All Channels “OFF,”
9.0
13.5
13.5
mA
DIS = “0”
3
NEGATIVE SUPPLY CURRENT
I–
All Channels “OFF,”
7.5
10.5
10.5
mA
DIS = “0”3
GROUND CURRENT
IG
All Channels “ON” or
6.0
7.5
7.5
mA
“OFF”
3
NOTES
(@ V+ = +15 V, V– = –15 V, –55 C
≤ T
A
≤ +125 C for SW06BQ, –40 C ≤ T
A
≤ +85 C for
SW06FQ and –40 C
≤ T
A
≤ +85 C for SW06GP/GS, unless otherwise noted)
1V
S = 0 V, IS = 100 µA. Specified as a percentage of R AVERAGE where: RAVERAGE =
R
ON1 + RON 2 + RON 3 + RON 4
4
.
2Guaranteed by R
ON and leakage tests. For normal operation maximum analog signal voltages should be restricted to less than (V+) –4 V.
3Switch being tested ON or OFF as indicated, V
INH = 2.0 V or VINL = 0.8 V, per logic truth table.
4Also applies to disable pin.
5Current tested at V
IN = 2.0 V. This is worst case condition.
6Sample tested.
7Switch is guaranteed by design to provide break-before-make operation.
8Guaranteed by design.
9Parameter tested only at T
A = +125°C for military grade device.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com