Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW06 Datasheet(PDF) 10 Page - Analog Devices

Part # SW06
Description  Quad SPST JFET Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SW06 Datasheet(HTML) 10 Page - Analog Devices

Back Button SW06 Datasheet HTML 4Page - Analog Devices SW06 Datasheet HTML 5Page - Analog Devices SW06 Datasheet HTML 6Page - Analog Devices SW06 Datasheet HTML 7Page - Analog Devices SW06 Datasheet HTML 8Page - Analog Devices SW06 Datasheet HTML 9Page - Analog Devices SW06 Datasheet HTML 10Page - Analog Devices SW06 Datasheet HTML 11Page - Analog Devices SW06 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SW06
REV. A
–10–
APPLICATIONS INFORMATION
The single analog switch product configures, by appropriate pin
connections, into four switch applications. As shown in Figure
1, the SW06 connects as a QUAD SPST, a DUAL SPDT, a
DUAL DPST, or a DPDT analog switch. This versatility in-
creases further when taking advantage of the disable input (DIS)
which turns all switches OFF when taken active low.
Ion-implantation of the JFET analog switch achieves low ON
resistance and tight channel-to-channel matching. Combining
the low ON resistance and low leakage currents results in a
worst case voltage error figure VERROR @ +125
°C = I
D(ON)
×
RSD(ON) = 100 nA
× 100 Ω = 11 microvolts. This amount of er-
ror is negligible considering dissimilar-metal thermally-induced
offsets will be in the 5 to 15 microvolt range.
LOGIC INPUTS
The logic inputs (INX) and disable input (DIS) are referenced
to a TTL logic threshold value of two forward diode drops (1.4 V
at +25
°C) above the GND terminal. These inputs use PNP
transistors which draw maximum current at a logic “0” level and
drops to a leakage current of a reverse biased diode as the logic
input voltage raises above 1.4 volts. Any logic input voltage
greater than 2.0 volts becomes logic “1,” less than 0.8 volts be-
comes logic “0” resulting in full TTL noise immunity not avail-
able from similar CMOS input analog switches. The PNP
transistor inputs require such low input current that the SW06
approaches fan-ins of CMOS input devices. These bipolar logic
inputs exceed any CMOS input circuit in resistance to static
voltage and radiation susceptibility. No damage will occur to the
SW06 if logic high voltages are present when the SW06 power
supplies are OFF. When the V+ and V– supplies are OFF, the
logic inputs present a reverse bias diode loading to active logic
inputs. Input logic thresholds are independent of V+ and V–
supplies making single V+ supply operation possible by simply
connecting GND and V– together to the logic ground supply.
ANALOG VOLTAGE AND CURRENT
ANALOG VOLTAGE
These switches have constant ON resistance for analog voltages
from the negative power supply (V–) to within 4 volts of the
positive power supply. This characteristic shown in the plots re-
sults in good total harmonic distortion, especially when com-
pared to CMOS analog switches that have a 20 to 30 percent
variation in ON resistance versus analog voltage. Positive analog
input voltage should be restricted to 4 volts less than V+ assur-
ing the switch remains open circuit in the OFF state. No in-
crease in switch ON resistance occurs when operating at supply
voltages less than
±15 volts (see plot). Small signals have a 3 dB
down frequency of 70 MHz (see insertion loss versus frequency
plot).
ANALOG CURRENT
The analog switches in the ON state are JFETs biased in their
triode region and act as switches for analog current up to the IA
specification (see plot of IDS vs VDS). Some applications require
pulsed currents exceeding the IA spec. For example, an integra-
tor reset switch discharging a shunt capacitor will produce a
peak current of IA(PEAK) = VCAP/RDS(ON). In this application, it is
best to connect the source to the most positive end of the ca-
pacitor, thereby achieving the lowest switch resistance and
Figure 1. Functional Applications of SW06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com