Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW06 Datasheet(PDF) 2 Page - Analog Devices

Part # SW06
Description  Quad SPST JFET Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SW06 Datasheet(HTML) 2 Page - Analog Devices

  SW06 Datasheet HTML 1Page - Analog Devices SW06 Datasheet HTML 2Page - Analog Devices SW06 Datasheet HTML 3Page - Analog Devices SW06 Datasheet HTML 4Page - Analog Devices SW06 Datasheet HTML 5Page - Analog Devices SW06 Datasheet HTML 6Page - Analog Devices SW06 Datasheet HTML 7Page - Analog Devices SW06 Datasheet HTML 8Page - Analog Devices SW06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
SW06–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
SW06B
SW06F
SW06G
Parameter
Symbol
Conditions
Min Typ Max
Min Typ Max
Min Typ Max
Units
“ON” RESISTANCE
RON
VS = 0 V, IS = 1 mA
60
80
60
100
100
150
Ω
VS = ± 10 V, IS = 1 mA
65
80
65
100
100
150
RON MATCH BETWEEN SWITCHES
RON Match
VS = 0 V, IS = 100 µA
1
5
10
5
20
20
%
ANALOG VOLTAGE RANGE
VA
IS = 1 mA
2
+10 +11
+10 +11
+10
+11
V
IS = 1 mA
2
–10
–15
–10
–15
–10
–15
ANALOG CURRENT RANGE
IA
VS = ± 10 V
10
15
7
12
5
10
mA
∆R
ON VS. APPLIED VOLTAGE
∆R
ON
–10 V
≤ V
S ≤ 10 V, IS = 1.0 mA
5
15
10
20
10
20
%
SOURCE CURRENT IN
“OFF” CONDITION
IS(OFF)
VS = 10 V, VD = –10 V
3
0.3
2.0
0.3
2.0
0.3
10
nA
DRAIN CURRENT IN
“OFF” CONDITION
ID(OFF)
VS = 10 V, VD = –10 V
3
0.3
2.0
0.3
2.0
0.3
10
nA
SOURCE CURRENT IN
IS(ON)+
VS = VD = ± 10 V
3
0.3
2.0
0.3
2.0
0.3
10
nA
“ON” CONDITION
ID(ON)
LOGICAL “1” INPUT VOLTAGE
VINH
Full Temperature Range
2, 4
2.0
2.0
2.0
V
LOGICAL “0” INPUT VOLTAGE
VINL
Full Temperature Range2, 4
0.8
0.8
0.8
V
LOGICAL “1” INPUT CURRENT
IINH
VIN = 2.0 V to 15.0 V
5
55
10
µA
LOGICAL “0” INPUT
IINL
VIN = 0.8 V
1.5
5.0
1.5
5.0
1.5
10.0
µA
TURN-ON TIME
tON
See Switching Time
340
500
340 600
340
700
ns
Test Circuit
4, 6
TURN-OFF TIME
tOFF
See Switching Time
200
400
200 400
200
500
ns
Test Circuit
4, 6
BREAK-BEFORE-MAKE TIME
tON–tOFF
Note 7
50
140
50
140
50
140
ns
SOURCE CAPACITANCE
CS(OFF)
VS = 0 V
3
7.0
7.0
7.0
pF
DRAIN CAPACITANCE
CD(OFF)
VS = 0 V
3
5.5
5.5
5.5
pF
CHANNEL “ON” CAPACITANCE
CD(ON)+
VS = VD = 0 V
3
15
15
15
pF
CS(ON)
“OFF” ISOLATION
ISO(OFF)
VS = 5 V rms, RL = 680 Ω,58
58
58
dB
CL = 7 pF, f = 500 kHz
3
CROSSTALK
CT
VS = 5 V rms, RL = 680 Ω,70
70
70
dB
CL = 7 pF, f = 500 kHz
3
POSITIVE SUPPLY CURRENT
I+
All Channels “OFF”,
5.0
6.0
5.0
9.0
6.0
9.0
mA
DIS = “0”
3
NEGATIVE SUPPLY CURRENT
I–
All Channels “OFF”,
3.0
5.0
4.0
7.0
4.0
7.0
mA
DIS = “0”
3
GROUND CURRENT
IG
All Channels “ON” or
3.0
4.0
3.0
4.0
3.0
5.0
mA
“OFF”
3
(@ V+ = +15 V, V– = –15 V and TA = +25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com