Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW06 Datasheet(PDF) 1 Page - Analog Devices

Part # SW06
Description  Quad SPST JFET Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SW06 Datasheet(HTML) 1 Page - Analog Devices

  SW06 Datasheet HTML 1Page - Analog Devices SW06 Datasheet HTML 2Page - Analog Devices SW06 Datasheet HTML 3Page - Analog Devices SW06 Datasheet HTML 4Page - Analog Devices SW06 Datasheet HTML 5Page - Analog Devices SW06 Datasheet HTML 6Page - Analog Devices SW06 Datasheet HTML 7Page - Analog Devices SW06 Datasheet HTML 8Page - Analog Devices SW06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
LEVEL
SHIFT
V+
12
V–
5
IN 1
IN 2
IN 3
IN 4
DIS
13
16
9
8
1
4
GND
S1
D1
S2
D2
S3
D3
S4
D4
3
2
6
7
11
10
14
15
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Quad SPST JFET
Analog Switch
SW06
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Two Normally Open and Two Normally Closed SPST
Switches with Disable
Switches Can Be Easily Configured as a Dual SPDT or
a DPDT
Highly Resistant to Static Discharge Destruction
Higher Resistance to Radiation than Analog Switches
Designed with MOS Devices
Guaranteed RON Matching: 10% max
Guaranteed Switching Speeds
TON = 500 ns max
TOFF = 400 ns max
Guaranteed Break-Before-Make Switching
Low “ON” Resistance: 80
max
Low RON Variation from Analog Input Voltage: 5%
Low Total Harmonic Distortion: 0.01%
Low Leakage Currents at High Temperature
TA = +125 C: 100 nA max
TA = +85 C: 30 nA max
Digital Inputs TTL/CMOS Compatible and Independent
of V+
Improved Specifications and Pin Compatible to
LF-11333/13333
Dual or Single Power Supply Operation
Available in Die Form
GENERAL DESCRIPTION
The SW06 is a four channel single-pole, single-throw analog
switch that employs both bipolar and ion-implanted FET
devices. The SW06 FET switches use bipolar digital logic inputs
which are more resistant to static electricity than CMOS devices.
Ruggedness and reliability are inherent in the SW06 design and
construction technology.
Increased reliability is complemented by excellent electrical
specifications. Potential error sources are reduced by minimizing
“ON” resistance and controlling leakage currents at high tem-
peratures. The switching FET exhibits minimal RON variation
over a 20 V analog signal range and with power supply voltage
changes. Operation from a single positive power supply voltage
is possible. With V+ = 36 V, V– = 0 V, the analog signal range
will extend from ground to +32 V.
PNP logic inputs are TTL and CMOS compatible to allow the
SW06 to upgrade existing designs. The logic “0” and logic “1”
input currents are at microampere levels reducing loading on
CMOS and TTL logic.


Similar Part No. - SW06

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW065R68E7T SEMIPOWER-SW065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
SW065R85VS SEMIPOWER-SW065R85VS Datasheet
723Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW068R08ET SEMIPOWER-SW068R08ET Datasheet
859Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
Sep. 2019
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
More results

Similar Description - SW06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF11331 NSC-LF11331 Datasheet
416Kb / 18P
Quad SPST JFET Analog Switches
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
Quad, SPST Analog Switch
Rev 0; 4/98
logo
List of Unclassifed Man...
SW7510EQ ETC-SW7510EQ Datasheet
1Mb / 8P
QUAD SPST JFET ANALOG SWITCHES
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
Quad, SPST Analog Switch
Rev 3; 6/07
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
SW201 AD-SW201 Datasheet
413Kb / 6P
QUAD SPST JFET ANALOG SWITCH
23-Feb-2017
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com